Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7988-1BCPZ-RL Datasheet(PDF) 10 Page - Analog Devices

Part # AD7988-1BCPZ-RL
Description  16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7988-1BCPZ-RL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7988-1BCPZ-RL Datasheet HTML 6Page - Analog Devices AD7988-1BCPZ-RL Datasheet HTML 7Page - Analog Devices AD7988-1BCPZ-RL Datasheet HTML 8Page - Analog Devices AD7988-1BCPZ-RL Datasheet HTML 9Page - Analog Devices AD7988-1BCPZ-RL Datasheet HTML 10Page - Analog Devices AD7988-1BCPZ-RL Datasheet HTML 11Page - Analog Devices AD7988-1BCPZ-RL Datasheet HTML 12Page - Analog Devices AD7988-1BCPZ-RL Datasheet HTML 13Page - Analog Devices AD7988-1BCPZ-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7988-1/AD7988-5
Data Sheet
Rev. C | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 2.5 V, VREF = 5.0 V, VIO = 3.3 V, unless otherwise noted.
0
–180
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
–160
fS = 500kSPS
fIN = 10kHz
SNR = 91.17dB
THD = –113.63dB
SFDR = 110.30dB
SINAD = 91.15dB
0
50
100
150
200
250
Figure 6. AD7988-5 FFT Plot, VREF = 5 V
0
–180
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
–160
fS = 500kSPS
fIN = 10kHz
SNR = 86.8dB
THD = –111.4dB
SFDR = 105.9dB
SINAD = 86.8dB
0
50
100
150
200
250
Figure 7. AD7988-5 FFT Plot, VREF = 2.5 V
0
–180
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
–160
fS = 100kSPS
fIN = 10kHz
SNR = 91.09dB
THD = –113.12dB
SFDR = 110.30dB
SINAD = 91.05dB
0
10
20
30
40
50
Figure 8. AD7988-1 FFT Plot, VREF = 5 V
0
–180
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
–160
fS = 100kSPS
fIN = 10kHz
SNR = 86.7dB
THD = –110.4dB
SFDR = 103.9dB
SINAD = 86.6dB
0
10
20
30
40
50
Figure 9. AD7988-1 FFT Plot, VREF = 2.5 V
1.25
–1.25
CODE
1.00
0.75
0.50
0.25
–0.25
–0.75
0
–0.50
–1.00
POSITIVE INL: +0.40 LSB
NEGATIVE INL: –0.35 LSB
0
16384
32768
49152
65536
Figure 10. Integral Nonlinearity vs. Code, VREF = 5 V
1.25
1.00
–1.25
–1.00
0.75
0.50
0.25
–0.25
–0.75
0
–0.50
POSITIVE INL: +0.45 LSB
NEGATIVE INL: –0.29 LSB
CODE
0
16384
32768
49152
65536
Figure 11. Integral Nonlinearity vs. Code, VREF = 2.5 V


Similar Part No. - AD7988-1BCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7988-1BCPZ-RL AD-AD7988-1BCPZ-RL Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7988-1BCPZ-RL AD-AD7988-1BCPZ-RL Datasheet
577Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
AD7988-1BCPZ-RL7 AD-AD7988-1BCPZ-RL7 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7988-1BCPZ-RL7 AD-AD7988-1BCPZ-RL7 Datasheet
577Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
More results

Similar Description - AD7988-1BCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7988-1 AD-AD7988-1_17 Datasheet
577Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7980-EP AD-AD7980-EP Datasheet
292Kb / 12P
   16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7983 AD-AD7983_17 Datasheet
584Kb / 25P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
AD7983 AD-AD7983 Datasheet
612Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com