Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1939T Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LB1939T
Description  2 Channel H Bridge Constant Voltage/Constant Current Driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1939T Datasheet(HTML) 7 Page - Sanyo Semicon Device

  LB1939T Datasheet HTML 1Page - Sanyo Semicon Device LB1939T Datasheet HTML 2Page - Sanyo Semicon Device LB1939T Datasheet HTML 3Page - Sanyo Semicon Device LB1939T Datasheet HTML 4Page - Sanyo Semicon Device LB1939T Datasheet HTML 5Page - Sanyo Semicon Device LB1939T Datasheet HTML 6Page - Sanyo Semicon Device LB1939T Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PS No. 6194-7/7
LB1939T
This catalog provides information as of February, 2004. Specifications and information herein are subject
to change without notice.
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer’s
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer’s products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products (including technical data, services) described or contained
herein are controlled under any of applicable local export control laws and regulations, such products must
not be exported without obtaining the export license from the authorities concerned in accordance with the
above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the “Delivery Specification”
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
Constant Current Control Usage Notes
This IC supports both constant current control and constant voltage control modes. However, since both of these control
circuits operate at all times, certain of the limitations imposed by the constant voltage control circuit apply may when
using constant current control.
For example, if constant current control is used with the application circuit shown in figure 2, if VC = 0.9 V (= Vref) and
RFB = 1
Ω, then the output current can be calculated as follows from (1) on the previous page.
Iout = (0.9/4.5 + 0.03) / (1 + 0.1)
= 0.23/1.1
≈ 0.209A
Here, if the value driven load resistance RL is r, since the RFG pin voltage is 0.23 V and the npn transistor output
saturation voltage is 0.1 V (typical), the pnp transistor output pin voltage can be calculated as follows.
Vout = (RFG pin voltage) + (npn transistor output saturation voltage) + (voltage across the load terminals)
= 0.23 + 0.1 + 0.209
× r
= 0.3 + 0.209r
At the same time, however, this IC’s internal constant voltage control circuit controls the output voltage as follows.
Vout' = VC
× 1.95 ≈ 1.75 V
Therefore, it will not be possible to use the constant current control mode if the value of r is set so that Vout is greater
than Vout'. That is, the condition
0.33 + 0.209r > 1.75
implies that
r > 6.79
This means that constant current control can be used when the value of the load resistance used is strictly less than 6.79
Ω.


Similar Part No. - LB1939T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1939T SANYO-LB1939T Datasheet
113Kb / 7P
   2 Channel H Bridge Constant Voltage/ Constant Current Driver IC
logo
ON Semiconductor
LB1939T ONSEMI-LB1939T Datasheet
138Kb / 7P
   2 Channel H Bridge Constant Voltage/Constant Current Driver
December 2013 - Rev. 0
LB1939T-MPB-E ONSEMI-LB1939T-MPB-E Datasheet
49Kb / 1P
   LB1939T Motor Driver, Constant Voltage / Current, H-Bridge, 2-Channel
1/15/2015
LB1939T-TLM-E ONSEMI-LB1939T-TLM-E Datasheet
49Kb / 1P
   LB1939T Motor Driver, Constant Voltage / Current, H-Bridge, 2-Channel
1/15/2015
More results

Similar Description - LB1939T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1939T SANYO-LB1939T Datasheet
113Kb / 7P
   2 Channel H Bridge Constant Voltage/ Constant Current Driver IC
logo
ON Semiconductor
LB1939T ONSEMI-LB1939T Datasheet
138Kb / 7P
   2 Channel H Bridge Constant Voltage/Constant Current Driver
December 2013 - Rev. 0
LB1940T ONSEMI-LB1940T Datasheet
305Kb / 8P
   Monolithic Digital IC 2-ch H-Bridge Constant Current Driver Constant-current control
June, 2013
LB1939T-TLM-E ONSEMI-LB1939T-TLM-E Datasheet
49Kb / 1P
   LB1939T Motor Driver, Constant Voltage / Current, H-Bridge, 2-Channel
1/15/2015
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T_06 Datasheet
297Kb / 8P
   2-ch H-Bridge Constant Current Driver
logo
ON Semiconductor
LB1940T-TLM-H ONSEMI-LB1940T-TLM-H Datasheet
251Kb / 8P
   2-ch H-Bridge Constant Current Driver
December, 2013
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T_09 Datasheet
267Kb / 8P
   2-ch H-Bridge Constant Current Driver
LV8082LP_0712 SANYO-LV8082LP_0712 Datasheet
104Kb / 6P
   Constant-voltage 1ch Constant-current 1ch H-Bridge
logo
Global Mixed-mode Techn...
G2004 GMT-G2004 Datasheet
63Kb / 1P
   Constant current type 1-CH H-bridge driver IC
logo
SHENZHEN FUMAN ELECTRON...
FM1800 FUMAN-FM1800 Datasheet
343Kb / 6P
   Constant current constant voltage IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com