Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS1035LR2R3105 Datasheet(PDF) 4 Page - Taiyo Yuden (U.S.A.), Inc

Part # PAS1035LR2R3105
Description  CYLINDER TYPE PAS CAPACITOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

PAS1035LR2R3105 Datasheet(HTML) 4 Page - Taiyo Yuden (U.S.A.), Inc

  PAS1035LR2R3105 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc PAS1035LR2R3105 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc PAS1035LR2R3105 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc PAS1035LR2R3105 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
12
cap02_reli-RP2
cap02_reli_e-01
PRECAUTIONS
1. Use under the maximum usable voltage
If over maximum usable voltage is applied, it might cause abnormal current flow,
which shorten lifetime and sometimes damage PAS capacitor.
2. Use under maximum operating temperature
Not only shorter life time but also leakage and damage will happen by increasing
internal pressure if PAS capacitor use in over max operating temperature.
3. Limited life time
Lifetime of PAS capacitor is greatly affected by surrounding temperature. 10℃
drop in temperature extend its expected lifetime approximately twice as much. De-
sign a circuit under consideration of deterioration of electrical characteristics after
long time usage, decreasing in capacitance and increasing in internal resistance.
4. The electrical characteristics of capacitors vary with respect to temperature
The electrical characteristics of PAS capacitors temporarily vary with respect to
temperature separately from secular change mentioned above. Design a circuit
under consideration of temperature characteristics.
5. PAS capacitor has polarity
PAS capacitor has polarity. Please check the polarity before use. It will be dam-
aged if it is reversely charged.
6. Mind high ripple current or rapid charge / discharge
In circuit with high ripple current or rapid charge / discharge, the lifetime of PAS
capacitors might be shortened by self-heating.
7. Mind voltage drop when discharging
When back-up (discharging) starts, voltage drop because of active current and
internal resistance.
8. Series connection
In case of using PAS capacitor in series connection, the voltage of each capacitor
is not always equal and it may be occurred excessive voltage in a part of capaci-
tor, which may lead to shortening lifetime and breakdown. Take a margin against a
rated voltage or add a balancing resister.
9. PAS capacitor has the pressure release vent
In case of inside pressure of capacitor excessively rising, the pressure release vent
will be opened in order to release inner gas. Following clearance (Diameter<φ
18:over 2mm, Diameter≧φ18:over 3mm) should be made above the pressure
release vent.
Don’tset up wiring or a pattern in the upper part of the pressure release vent, so
that the high temperature gas is gushed when the pressure release vent open.
The product which open the pressure release vent can not use.
10. The sleeve of the PAS capacitor is not guaranteed insulation
Short circuit might happen if circuit pattern is set underneath of PAS capacitor or
it fixed by a metal or it contact with other component.
11. Environmental of usage
In case PAS capacitor is used in the high humidity, alkaline or acid air, it may cause
deterioration of its performance, electrolyte leak and short circuit by corrosion of
outer can or lead terminal.
In addition, used in sudden temperature change or high humidity, it may cause
deteriorating of its performance and electrolyte leak by dew condensation.
12. Don’tapply shock and vibration or pressure
PAS capacitor is sensitive to shock. Don’tdrop PAS capacitor and not apply
strong pressure to a body, terminals and lead. Soldering part or lead terminal
might be damaged if applying vibration, shock and stress such as pinch, tip, push
and twist after installed.
13. Soldering
If next each item is not minded, it may cause deteriorating of its performance,
leakage, shortening lifetime.
◦ Don’tcontact solder iron to a cell body.
◦ Don’tsolder over solder conditions in the spec sheet.
14. Cleaning condition when cleaning circuit-board after soldering
Cleaning may affect PAS capacitor. Consult us about cleaning conditions before-
hand. Some cleaning conditions cause detrimental influence.
15. Storage
Keep following cautions for storage of PAS capacitor.
◦ Don’tstore in the high temperature, the high humidity condition and a place
where receiving direct sunlight. Storing PAS capacitor in the room condition of
10℃ - 35℃ and less than 65% relative humidity is recommended. Sudden tem-
perature change or high humidity may cause deteriorating of its characteristics
and Soldering.
◦ Don’tstore PAS capacitor near water, salt water or oil, and it the dew conden-
sation, gasified oil or salinity filled place.
◦ Don’tstore PAS capacitor in the hazardous gas (hydrogen sulfide, sulfurous,
chlorine , ammonia, bromine, methyl bromine and etc).
◦ Don’tfumigate by halogen fumigant.
◦ Don’tstore PAS capacitor near acid or alkaline solvent.
◦ Don’tstore PAS capacitor in a place where exposed to ozone, ultraviolet or
x-ray.
◦ Don’tstore PAS capacitor in a place where vibration and shock might occur in.
16. Disposal
Dispose PAS capacitor in accordance with local and country rules and regulations.
17. Usage
PAS capacitor is developed on the assumption of the memory-backup & RTC for
usage of information & communication equipment, home electronics, audio & visu-
al equipment, office equipment and etc. Consult us about using high reliability and
safety required products such as medical equipment, transportation equipment,
industrial equipment, flight / space equipment and emergency equipment.
18. Other Notice
◦ Don’theat or throw PAS capacitor into fire.
◦ Don’tshort.
◦ Don’tsolder directly to a cell body.
◦ Don’topen a body
◦ Don’tdeform.
◦ Don’tapply pressure.
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.


Similar Part No. - PAS1035LR2R3105

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS1030LN2R7705 TAIYO-YUDEN-PAS1030LN2R7705 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1030LN2R7905 TAIYO-YUDEN-PAS1030LN2R7905 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
More results

Similar Description - PAS1035LR2R3105

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS0815LN2R7205 TAIYO-YUDEN-PAS0815LN2R7205 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1235LN2R7206 TAIYO-YUDEN-PAS1235LN2R7206 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1030LN2R7905 TAIYO-YUDEN-PAS1030LN2R7905 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1030LN2R7705 TAIYO-YUDEN-PAS1030LN2R7705 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1220LN2R7905 TAIYO-YUDEN-PAS1220LN2R7905 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1230LN2R7166 TAIYO-YUDEN-PAS1230LN2R7166 Datasheet
243Kb / 2P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1020LN2R7405 TAIYO-YUDEN-PAS1020LN2R7405 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS311HR-VA6R TAIYO-YUDEN-PAS311HR-VA6R Datasheet
188Kb / 4P
   COIN TYPE PAS CAPACITOR
PAS2126FR2R5504 TAIYO-YUDEN-PAS2126FR2R5504 Datasheet
65Kb / 3P
   THIN FILM TYPE PAS CAPACITOR
RSELT1562R7F40004 TAIYO-YUDEN-RSELT1562R7F40004_V01 Datasheet
298Kb / 2P
   Cylinder Type Electric Double-Layer Capacitor
2022.08.22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com