Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11946 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB11946
Description  PWM Current Control Stepping Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11946 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB11946 Datasheet HTML 1Page - Sanyo Semicon Device LB11946 Datasheet HTML 2Page - Sanyo Semicon Device LB11946 Datasheet HTML 3Page - Sanyo Semicon Device LB11946 Datasheet HTML 4Page - Sanyo Semicon Device LB11946 Datasheet HTML 5Page - Sanyo Semicon Device LB11946 Datasheet HTML 6Page - Sanyo Semicon Device LB11946 Datasheet HTML 7Page - Sanyo Semicon Device LB11946 Datasheet HTML 8Page - Sanyo Semicon Device LB11946 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LB11946
No.7946-3/14
AC Electrical Characteristics at VCC = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Clock frequency
Fclk
200
550
kHz
Data setup time
TDS
0.9
2.5
µS
Data hold time
TDH
0.9
2.5
µS
Minimum clock high-level pulse width
TSCH
0.9
2.5
µS
Minimum clock low-level pulse width
TSCL
0.9
2.5
µS
SET pin stipulated time
Tlat
0.9
2.5
µS
SET pin signal pulse width
Tlatw
1.9
5.0
µS
CLK
DATA
SET
D4
D5
D6
D10
D11
TSCH TSCL
Fclk
TSD TDH
Tlat
Tlatw


Similar Part No. - LB11946

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LB11946 ONSEMI-LB11946 Datasheet
127Kb / 14P
   Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
More results

Similar Description - LB11946

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
LB1945D SANYO-LB1945D_09 Datasheet
105Kb / 9P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8727 ONSEMI-LV8727 Datasheet
327Kb / 23P
   PWM Current Control Stepping Motor Driver
June, 2013
LB1946 ONSEMI-LB1946 Datasheet
122Kb / 16P
   PWM Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845 Datasheet
136Kb / 7P
   PWM Current Control Stepping Motor Driver
LV8727 SANYO-LV8727 Datasheet
370Kb / 23P
   PWM Current Control Stepping Motor Driver
LV8741V_0712 SANYO-LV8741V_0712 Datasheet
210Kb / 25P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_12 Datasheet
114Kb / 16P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com