Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS409SR-VE5R Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # PAS409SR-VE5R
Description  COIN TYPE PAS CAPACITOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

PAS409SR-VE5R Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  PAS409SR-VE5R Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc PAS409SR-VE5R Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc PAS409SR-VE5R Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc PAS409SR-VE5R Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
12
cap01_reli-PRP1
cap01_reli_e-01
PACKAGING
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
①Summary of Packaging Specifications
②Taping Dimensions
Emboss Shape B
Emboss Shape A
④Reel Size
Item
Terminal
Shape
Quantity
per Reel
Products
Direction
(*)
Tape
Width
Pitch
Reel
Diameter
Emboss
Shape
PAS311□□ VA6R
4000
16.0±0.3 8.0±0.1
330
A
PAS409□□ VE5R
4000
16.0±0.3 8.0±0.1
330
PAS414□□
VA5R
4000
16.0±0.3 8.0±0.1
330
C
VE5R
4000
16.0±0.3 8.0±0.1
330
C
(*) Indicate the polarity of terminal which is close to sprocket hole.
Unit : mm
Emboss Shape C
③Leader Section/Trailer Section
Leader section :
Over 400mm
(Containing at least 44 vacant pockets of carrier tape sealed with top cover tape)
Trailer section :
Over 40mm
(Over 5 vacant pockets of carrier tape sealed with top cover tape)
⑤Peel Strength
Carrier Tape
0.1~0.7N under the condition of the figure below.
Unit : mm
Unit : mm
Unit : mm
Unit : mm
Unit : mm


Similar Part No. - PAS409SR-VE5R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS409HR-VE5R TAIYO-YUDEN-PAS409HR-VE5R Datasheet
724Kb / 4P
   High capacity / High reliability
More results

Similar Description - PAS409SR-VE5R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS0815LR2R3105 TAIYO-YUDEN-PAS0815LR2R3105 Datasheet
127Kb / 4P
   CYLINDER TYPE PAS CAPACITOR
PAS2126FR2R5504 TAIYO-YUDEN-PAS2126FR2R5504 Datasheet
65Kb / 3P
   THIN FILM TYPE PAS CAPACITOR
PAS0815LN2R7205 TAIYO-YUDEN-PAS0815LN2R7205 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1235LN2R7206 TAIYO-YUDEN-PAS1235LN2R7206 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1030LN2R7905 TAIYO-YUDEN-PAS1030LN2R7905 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1030LN2R7705 TAIYO-YUDEN-PAS1030LN2R7705 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1220LN2R7905 TAIYO-YUDEN-PAS1220LN2R7905 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1230LN2R7166 TAIYO-YUDEN-PAS1230LN2R7166 Datasheet
243Kb / 2P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1020LN2R7405 TAIYO-YUDEN-PAS1020LN2R7405 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
logo
Panasonic Semiconductor
EECRG0V224 PANASONIC-EECRG0V224_16 Datasheet
50Kb / 1P
   Stacked Coin Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com