Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS1020LA2R3105 Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # PAS1020LA2R3105
Description  CYLINDER TYPE PAS CAPACITOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

PAS1020LA2R3105 Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  PAS1020LA2R3105 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc PAS1020LA2R3105 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc PAS1020LA2R3105 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc PAS1020LA2R3105 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
12
cap02_reli-RP1
cap02_reli_e-01
RELIABILITY DATA
Items
Specifications
Test Conditions, Remark
LR Series
LA Series
1. Operating Temperature range
-25~+60℃
2. Max. Usable Voltage
2.3V
2.3V
3.0V
3. Floating Charge Characteristics
Capacitance
: Over 70% of initial spec.
Internal Resistance : Within 4 times of initial spec.
Appearance
: No noticeable abnormality
Apply a max. usable voltage to capacitor for 1000 hours at max. operating temp.
and measure the floating charge characteristics after returning to normal tem-
perature and humidity.
4. Charge/Discharge Cycle
Characteristics
Capacitance
: Over 70% of initial spec.
Internal Resistance : Within 4 times of initial spec.
Appearance
: No noticeable abnormality
Measure the charge/discharge cycle characteristics after 10000 charge/discharge
cycle at 25±5℃ with under mentioned charge/discharge cycle test condition for
each parts.
5. Thermal Durability
Capacitance
: Within initial spec.
Internal Resistance : Within initial spec.
Appearance
: No noticeable abnormality
Leave the capacitor in an atmosphere of 60℃±2℃ and ー25±2℃ consecutively
for 96 hours each, and return to normal temperature and humidity.
6. Humidity Durability
Capacitance
: Within initial spec.
Internal Resistance : Within 4 times of initial spec.
Appearance
: No noticeable abnormality
Temperature : 40±2℃, Humidity : 90~95%RH Leave the capacitor for 500 hours,
and return to normal temperature and humidity.
7. Impact Durability
No exterior abnormality observed :
initial spec. values retained
Accorging to JIS C 0041
Sine half wave A=294
8. Vibration Durability
No exterior abnormality observed :
initial spec. values retained
Apply a sine wave vibration of 1.5mm amplitude and frequency 10~55Hz,
for 2 hours per each direction (X, Y and Z), total 6 hours.
9. Solder Heat Resistance
Capacitance
: Within initial spec.
Internal Resistance : Within initial spec.
Appearance
: No noticeable abnormality
Material
: Sn-3Ag-0.5Cu
Solder bath temperature : 260±5℃
Dipping time : 10±1 sec.
Dipping depth : 1.5~2mm from cell body
Charge/Discharge Cycle Test Condition
Part Number
PAS0815
LR2R3105
PAS1016
LR2R3205
PAS0815
LA2R3185
PAS1020
LA2R3475
PAS1220
LA2R3106
PAS1235
LA2R3226
PAS1840
LA2R3566
PAS1020
LA3R0405
PAS1220
LA3R0905
PAS1235
LA3R0206
PAS1840
LA3R0506
Charging Voltage (V)
2.3
2.3
2.3
2.3
2.3
2.3
2.3
3.0
3.0
3.0
3.0
Charging Time (s)
10
10
10
10
10
10
30
30
30
30
30
Max. Charging Current (A)
1
1
1
1
1
1
5
2
3
5
10
Discharging Current (A)
1
1
1
1
1
1
5
0.5
1.0
1
2
Cut off Voltage (V)
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
PACKAGING
①Minimum Packing Unit (Plastic Bag)
Item
Minimum
Packing
Unit
Standard Inner
Packing Box
quantity
PAS0815
200
10bags
2000
PAS1016
200
10bags
2000
PAS1020
100
15bags
1500
PAS1220
100
10bags
1000
PAS1235
50
10bags
500
PAS1840
10
20bags
200
Standard Inner Packing Box
200mm(W)×330mm(L)×140mm(H)
250
180
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.


Similar Part No. - PAS1020LA2R3105

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS1020LA2R3475 TAIYO-YUDEN-PAS1020LA2R3475 Datasheet
142Kb / 1P
   Cylinder Type Polyacene Capacitors
More results

Similar Description - PAS1020LA2R3105

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS0815LN2R7205 TAIYO-YUDEN-PAS0815LN2R7205 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1235LN2R7206 TAIYO-YUDEN-PAS1235LN2R7206 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1030LN2R7905 TAIYO-YUDEN-PAS1030LN2R7905 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1030LN2R7705 TAIYO-YUDEN-PAS1030LN2R7705 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1220LN2R7905 TAIYO-YUDEN-PAS1220LN2R7905 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1230LN2R7166 TAIYO-YUDEN-PAS1230LN2R7166 Datasheet
243Kb / 2P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1020LN2R7405 TAIYO-YUDEN-PAS1020LN2R7405 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS311HR-VA6R TAIYO-YUDEN-PAS311HR-VA6R Datasheet
188Kb / 4P
   COIN TYPE PAS CAPACITOR
PAS2126FR2R5504 TAIYO-YUDEN-PAS2126FR2R5504 Datasheet
65Kb / 3P
   THIN FILM TYPE PAS CAPACITOR
RSELT1562R7F40004 TAIYO-YUDEN-RSELT1562R7F40004_V01 Datasheet
298Kb / 2P
   Cylinder Type Electric Double-Layer Capacitor
2022.08.22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com