Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPXD1005VLU120R Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # PPXD1005VLU120R
Description  PXD10 Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPXD1005VLU120R Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button PPXD1005VLU120R Datasheet HTML 6Page - Freescale Semiconductor, Inc PPXD1005VLU120R Datasheet HTML 7Page - Freescale Semiconductor, Inc PPXD1005VLU120R Datasheet HTML 8Page - Freescale Semiconductor, Inc PPXD1005VLU120R Datasheet HTML 9Page - Freescale Semiconductor, Inc PPXD1005VLU120R Datasheet HTML 10Page - Freescale Semiconductor, Inc PPXD1005VLU120R Datasheet HTML 11Page - Freescale Semiconductor, Inc PPXD1005VLU120R Datasheet HTML 12Page - Freescale Semiconductor, Inc PPXD1005VLU120R Datasheet HTML 13Page - Freescale Semiconductor, Inc PPXD1005VLU120R Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 130 page
background image
Overview
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
10
Additional notes on low power operation:
Fast wake-up using the on-chip 16 MHz internal RC oscillator allows rapid execution from RAM
on exit from low power modes
The 16 MHz internal RC oscillator supports low speed code execution and clocking of peripherals
when it is selected as the system clock and can also be used as the PLL input clock source to
provide fast start-up without the external oscillator delay
PXD10 devices include an internal voltage regulator that includes the following features:
— Regulates input to generate all internal supplies
— Manages power gating
— Low power regulators support operation when in STOP and STANDBY modes to minimize
power consumption
— Startup on-chip regulators in <50 µs for rapid exit of STOP and STANDBY modes
— Low voltage detection on main supply and 1.2 V regulated supplies
1.6.2
e200z0h core processor
The e200z0h processor is similar to other processors in the e200zx series but supports only the VLE
instruction set and does not include the signal processing extension for DSP applications or a floating point
unit.
The e200z0h has all the features of the e200z0 plus:
Branch acceleration using Branch Target Buffer (BTB)
Supports independent instruction and data accesses to different memory subsystems, such as
SRAM and Flash memory via independent Instruction and Data BIUs
The e200z0h processor uses a four stage in-order pipeline for instruction execution. The Instruction Fetch
(stage 1), Instruction Decode/Register file Read/Effective Address Calculation (stage 2), Execute/Memory
Access (stage 3), and Register Writeback (stage 4) stages operate in an overlapped fashion, allowing single
clock instruction execution for most instructions.
The integer execution unit consists of a 32-bit Arithmetic Unit (AU), a Logic Unit (LU), a 32-bit Barrel
shifter (Shifter), a Mask-Insertion Unit (MIU), a Condition Register manipulation Unit (CRU), a
Count-Leading-Zeros unit (CLZ), an 8 × 32 Hardware Multiplier array, result feed-forward hardware, and
a hardware divider.
Most arithmetic and logical operations are executed in a single cycle with the exception of the divide and
multiply instructions. A Count-Leading-Zeros unit operates in a single clock cycle. The Instruction Unit
contains a PC incrementer and a dedicated Branch Address adder to minimize delays during change of
flow operations. Branch target prefetching from the BTB is performed to accelerate certain taken branches.
Sequential prefetching is performed to ensure a supply of instructions into the execution pipeline. Branch
target prefetching is performed to accelerate taken branches. Prefetched instructions are placed into an
instruction buffer capable of holding four instructions.
Conditional branches not taken execute in a single clock. Branches with successful target prefetching have
an effective execution time of one clock on e200z0h. All other taken branches have an execution time of
two clocks.


Similar Part No. - PPXD1005VLU120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPXD1005VLU120R FREESCALE-PPXD1005VLU120R Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
More results

Similar Description - PPXD1005VLU120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXD10RM FREESCALE-PXD10RM Datasheet
5Mb / 1332P
   PXD10 Microcontroller
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com