Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPXR2005VVU80R Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # PPXR2005VVU80R
Description  PXD20 Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPXR2005VVU80R Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button PPXR2005VVU80R Datasheet HTML 5Page - Freescale Semiconductor, Inc PPXR2005VVU80R Datasheet HTML 6Page - Freescale Semiconductor, Inc PPXR2005VVU80R Datasheet HTML 7Page - Freescale Semiconductor, Inc PPXR2005VVU80R Datasheet HTML 8Page - Freescale Semiconductor, Inc PPXR2005VVU80R Datasheet HTML 9Page - Freescale Semiconductor, Inc PPXR2005VVU80R Datasheet HTML 10Page - Freescale Semiconductor, Inc PPXR2005VVU80R Datasheet HTML 11Page - Freescale Semiconductor, Inc PPXR2005VVU80R Datasheet HTML 12Page - Freescale Semiconductor, Inc PPXR2005VVU80R Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 130 page
background image
Overview
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
9
— Regulates input to generate all internal supplies
— Manages power gating
— External ballast transistor for high power regulator
— Low-Power and Ultra-Low-Power regulators support operation when in STOP and STANDBY modes,
respectively, to minimize power consumption
— Startup on-chip regulators in <350 µs for rapid exit of STOP and STANDBY modes
— Low voltage detection on main supply and 1.2 V regulated supplies.
1.4.2
e200z4d core
The e200z4d Power Architecture core provides the following features:
Dual issue, 32-bit Power Architecture Book E compliant CPU
Implements the VLE APU for reduced code footprint
In-order execution and retirement
Precise exception handling
Branch processing unit
— Dedicated branch address calculation adder
— Branch target prefetching using 8-entry BTB
Supports independent instruction and data accesses to different memory subsystems, such as SRAM and Flash memory
via independent Instruction and Data BIUs.
Load/store unit
— 2 cycle load latency
— Fully pipelined
— Big and Little endian support
— Misaligned access support
64-bit General Purpose Register file
Dual AHB 2.v6 64-bit System buses
Memory Management Unit (MMU) with 16-entry fully-associative TLB and multiple page size support
4 KB, 2/4-Way Set Associative Instruction Cache
Signal Processing Extension (SPE1.1) APU supporting SIMD fixed-point operations using the 64-bit General Purpose
Register file.
Embedded Floating-Point (EFP2) APU supporting scalar and vector SIMD single-precision floating-point operations,
using the 64-bit General Purpose Register file.
Nexus Class 3 real-time Development Unit
Dynamic power management of execution units, cache and MMU
1.4.3
Crossbar switch (XBAR)
The XBAR multi-port crossbar switch supports simultaneous connections between seven master ports and eight slave ports.
The crossbar supports a 32-bit address bus width and a 64-bit data bus width.
The crossbar allows concurrent transactions to occur from any master port to any slave port but one of those transfers must be
an instruction fetch from internal flash. If a slave port is simultaneously requested by more than one master port, arbitration
logic selects the higher priority master and grants it ownership of the slave port. All other masters requesting that slave port are
stalled until the higher priority master completes its transactions. Requesting masters having equal priority are granted access
to a slave port in round-robin fashion, based upon the ID of the last master to be granted access.
The crossbar provides the following features:


Similar Part No. - PPXR2005VVU80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPXR2005VLQ120R FREESCALE-PPXR2005VLQ120R Datasheet
667Kb / 119P
   PXS20 Microcontroller
PPXR2005VLQ120R FREESCALE-PPXR2005VLQ120R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PPXR2005VLQ80R FREESCALE-PPXR2005VLQ80R Datasheet
667Kb / 119P
   PXS20 Microcontroller
PPXR2005VLQ80R FREESCALE-PPXR2005VLQ80R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PPXR2005VMM120R FREESCALE-PPXR2005VMM120R Datasheet
667Kb / 119P
   PXS20 Microcontroller
More results

Similar Description - PPXR2005VVU80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXD20RM FREESCALE-PXD20RM Datasheet
7Mb / 1628P
   PXD20 Microcontroller
PXD20FS FREESCALE-PXD20FS Datasheet
406Kb / 2P
   PXD20 Family Built on Power Architecture짰 Technology
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com