Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPXS1005VLU120R Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # PPXS1005VLU120R
Description  PXD10 Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPXS1005VLU120R Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  PPXS1005VLU120R Datasheet HTML 1Page - Freescale Semiconductor, Inc PPXS1005VLU120R Datasheet HTML 2Page - Freescale Semiconductor, Inc PPXS1005VLU120R Datasheet HTML 3Page - Freescale Semiconductor, Inc PPXS1005VLU120R Datasheet HTML 4Page - Freescale Semiconductor, Inc PPXS1005VLU120R Datasheet HTML 5Page - Freescale Semiconductor, Inc PPXS1005VLU120R Datasheet HTML 6Page - Freescale Semiconductor, Inc PPXS1005VLU120R Datasheet HTML 7Page - Freescale Semiconductor, Inc PPXS1005VLU120R Datasheet HTML 8Page - Freescale Semiconductor, Inc PPXS1005VLU120R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 130 page
background image
Overview
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
3
LCD driver
64 × 6
40 × 4, 38 × 6
32 kHz slow external crystal oscillator
Yes
Real-Time Counter and Autonomous Periodic
Interrupt
Yes
Periodic Interrupt Timer (PIT)
4 ch, 32-bit
Software Watchdog Timer (SWT)
Yes
System Timer Module (STM)
4 ch, 32-bit
Timed I/O (eMIOS)
8 ch, 16-bit IC/OC
16 ch, 16-bit PWM/IC/OC
ADC
16 channels, 10-bit
CAN (64 Mailboxes)
2 × CAN
CAN Sampler
Yes
SCI
2 × UART
SPI
2 × SPI
3 × SPI
QuadSPI Serial Flash Interface
No
Yes
I2C2
4
GPIO
105
105 (144-pin package)
133 (176-pin package)
Debug
Nexus 1
Nexus 2+
Package
144 LQFP
144 LQFP
176 LQFP
Table 1. PXD10 family feature set (continued)
Feature
PXD1005
PXD1010


Similar Part No. - PPXS1005VLU120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPXS1005VLU120R FREESCALE-PPXS1005VLU120R Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
More results

Similar Description - PPXS1005VLU120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXD10RM FREESCALE-PXD10RM Datasheet
5Mb / 1332P
   PXD10 Microcontroller
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com