Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPXD2020VMG116R Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # PPXD2020VMG116R
Description  32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPXD2020VMG116R Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button PPXD2020VMG116R Datasheet HTML 5Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 6Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 7Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 8Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 9Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 10Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 11Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 12Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Features
PXN20 Product Brief, Rev. 1
Freescale Semiconductor
9
— Page buffers can be allocated for code-only, fixed partitions of code and data, all available for
any access
Censorship protection scheme to prevent flash content visibility
EE emulation supported by small 16 KB flash blocks in main array with multiple read while write
partitions
Hardware managed flash writes, erase and verify sequence
Supports flash writes using internal 16 MHz RC oscillator
Flash partitioning:
Error correction status
— Configurable error-correcting codes (ECC) reporting for RAM and flash
2.6.4
On-Chip SRAM
On-chip SRAM on the PXN20 family features the following:
Up to 592/128 KB general purpose RAM
Table 2. Flash Partitioning
PXN20
2 MB
Flash_Base + 0x0000_0000
16 KB
Flash_Base + 0x0000_4000
16 KB
Flash_Base + 0x0000_8000
16 KB
Flash_Base + 0x0000_C000
16 KB
Flash_Base + 0x0001_0000
16 KB
Flash_Base + 0x0001_4000
16 KB
Flash_Base + 0x0001_8000
16 KB
Flash_Base + 0x0001_C000
16 KB
Flash_Base + 0x0002_0000
64 KB
Flash_Base + 0x0003_0000
64 KB
Flash_Base + 0x0004_0000
128 KB
Flash_Base + 0x0006_0000
128 KB
Flash_Base + 0x0008_0000
256 KB
Flash_Base + 0x000C_0000
256 KB
Flash_Base + 0x0010_0000
256 KB
Flash_Base + 0x0014_0000
256 KB
Flash_Base + 0x0018_0000
256 KB
Flash_Base + 0x001C_0000
256 KB
Shadow Block
16 KB


Similar Part No. - PPXD2020VMG116R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPXD2005VLQ120R FREESCALE-PPXD2005VLQ120R Datasheet
667Kb / 119P
   PXS20 Microcontroller
PPXD2005VLQ120R FREESCALE-PPXD2005VLQ120R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PPXD2005VLQ80R FREESCALE-PPXD2005VLQ80R Datasheet
667Kb / 119P
   PXS20 Microcontroller
PPXD2005VLQ80R FREESCALE-PPXD2005VLQ80R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PPXD2005VLT120R FREESCALE-PPXD2005VLT120R Datasheet
778Kb / 130P
   PXD20 Microcontroller
More results

Similar Description - PPXD2020VMG116R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXS20PB FREESCALE-PXS20PB Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
TWR-PXS3020 FREESCALE-TWR-PXS3020 Datasheet
460Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Industrial Control and Safety Applications
TWR-PXN20 FREESCALE-TWR-PXN20 Datasheet
802Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Connected Performance
PXR40PB FREESCALE-PXR40PB Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PXD10PB FREESCALE-PXD10PB Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
logo
NXP Semiconductors
S32R274 NXP-S32R274 Datasheet
3Mb / 79P
   Safety core: Power Architecture짰 e200Z4 32-bit CPU with checker core
Rev. 5, 04/2019
logo
Freescale Semiconductor...
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
MPC8548EPXAUJB FREESCALE-MPC8548EPXAUJB Datasheet
849Kb / 151P
   High-performance 32-bit core built on Power Architecture짰 technology.
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com