Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPXN4040VVU264R Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # PPXN4040VVU264R
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPXN4040VVU264R Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button PPXN4040VVU264R Datasheet HTML 4Page - Freescale Semiconductor, Inc PPXN4040VVU264R Datasheet HTML 5Page - Freescale Semiconductor, Inc PPXN4040VVU264R Datasheet HTML 6Page - Freescale Semiconductor, Inc PPXN4040VVU264R Datasheet HTML 7Page - Freescale Semiconductor, Inc PPXN4040VVU264R Datasheet HTML 8Page - Freescale Semiconductor, Inc PPXN4040VVU264R Datasheet HTML 9Page - Freescale Semiconductor, Inc PPXN4040VVU264R Datasheet HTML 10Page - Freescale Semiconductor, Inc PPXN4040VVU264R Datasheet HTML 11Page - Freescale Semiconductor, Inc PPXN4040VVU264R Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Features
Freescale Semiconductor
8
Alternatively, input events can be used to capture the time base, allowing measurement of an input signal.
The eMIOS provides the following features:
32 unified channels, featuring:
— 24-bit registers for capture/match values
— 24-bit internal counter
— Global prescaler
— Pin for input/output (each channel signal is routed to a pin, however, most pins are also
multiplexed with other signals)
— Selectable time base
— Can generate its own time base
Five 24-bit wide counter buses
— Counter bus A can be driven by unified channel 23
— Counter bus B, C, D and E are driven by unified channels 0, 8, 16, and 24, respectively
— Counter bus A can be shared among all unified channels. UCs 0 to 7, 8 to 15, 16 to 23, and 24
to 31 can share counter buses B, C, D and E, respectively
Shared time bases with the eTPU
Synchronization among internal and external time bases
Shadow FLAG register
State of block can be frozen for debug purposes
2.5.6
Enhanced timing processor unit (eTPU2)
Two eTPU2 modules are available on the PXR40. The eTPU2 is the second generation of the enhanced
timing co-processors (eTPU) that were used on the MPC5500 family. eTPU2 is fully upward compatible
with eTPU, runs the same binary code image, and can be used with the same tool suite. eTPU2 includes
many enhancements to improve efficiency of compilers, functionality, ease of programming and
operability while maintaining the same overall architecture. Some of these enhancements may be accessed
using the existing compiler tool chain, while other enhancements require updates to the compiler.
The eTPU2 includes these distinctive features:
32 standard channels, each channel is associated with one input and one output signal
Two independent 24-bit time bases for channel synchronization:
Event-triggered microengine
— 24 KB of code memory (SCM)
— 6 KB of shared parameter (data) RAM (SPRAM)
Resource sharing features support channel use of common channel registers, memory and
microengine time
— Hardware scheduler works as a task management unit, dispatching event service routines by
pre-defined, host-configured priority


Similar Part No. - PPXN4040VVU264R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPXN4040VVU264R FREESCALE-PPXN4040VVU264R Datasheet
720Kb / 100P
   PXR40 Microcontroller
More results

Similar Description - PPXN4040VVU264R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TWR-PXR40 FREESCALE-TWR-PXR40 Datasheet
729Kb / 8P
   32-bit Power Architecture짰 MCU for High-Performance Real-Time Applications
PXS20PB FREESCALE-PXS20PB Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PXD10PB FREESCALE-PXD10PB Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
   32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
logo
Texas Instruments
TMS320F280039C TI-TMS320F280039C_V02 Datasheet
5Mb / 250P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
MARCH 2022
TMS320F280039C TI-TMS320F280039C_V06 Datasheet
5Mb / 254P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
REVISED NOVEMBER 2022
TMS320F2800157-Q1 TI-TMS320F2800157-Q1_V01 Datasheet
5Mb / 232P
[Old version datasheet]   TMS320F280015x Real-Time Microcontrollers
REVISED JULY 2023
TMS320F2800137 TI-TMS320F2800137_V07 Datasheet
4Mb / 209P
[Old version datasheet]   TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
TMS320F2800137 TI-TMS320F2800137_V08 Datasheet
5Mb / 219P
[Old version datasheet]   TMS320F280013x Real-Time Microcontrollers
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com