Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPXR4040VVU264R Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # SPXR4040VVU264R
Description  PXR40 Microcontroller
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPXR4040VVU264R Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button SPXR4040VVU264R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPXR4040VVU264R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPXR4040VVU264R Datasheet HTML 9Page - Freescale Semiconductor, Inc SPXR4040VVU264R Datasheet HTML 10Page - Freescale Semiconductor, Inc SPXR4040VVU264R Datasheet HTML 11Page - Freescale Semiconductor, Inc SPXR4040VVU264R Datasheet HTML 12Page - Freescale Semiconductor, Inc SPXR4040VVU264R Datasheet HTML 13Page - Freescale Semiconductor, Inc SPXR4040VVU264R Datasheet HTML 14Page - Freescale Semiconductor, Inc SPXR4040VVU264R Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
Signal properties and muxing
PXR40 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
11
4
Signal properties and muxing
Table 2 shows the signals properties for each pin on the PXR40. For each port pin that has an associated SIU_PCRn register to
control its pin properties, the supported functions column lists the functions associated with the programming of the
SIU_PCRn[PA] bit in the order: Primary function (P), Function 2 (F2), Function 3 (F3), and GPIO (G). See Figure 7.
Figure 7. Supported functions example
Primary Functions
Secondary Functions
GPIO Functions are
are listed First
are alternate functions
listed Last
GPIO/
PCR1
Signal Name2
P/
F/
GFunction3
Function Summary
I/O
Pad
Type
113
TCRCLKA_IRQ7_GPIO113 P
TCRCLKA
eTPU A TCR clock
I
5V M
A1
IRQ7
External interrupt request
I
A2
——
G
GPIO113
GPIO
I/O
Function not implemented on this device
Table 2. Signal Properties Summary


Similar Part No. - SPXR4040VVU264R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPXR4040VVU264R FREESCALE-SPXR4040VVU264R Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
More results

Similar Description - SPXR4040VVU264R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXR40RM FREESCALE-PXR40RM Datasheet
7Mb / 1434P
   PXR40 Microcontroller
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com