Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPXN1010VLU64R Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # SPXN1010VLU64R
Description  PXD10 Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPXN1010VLU64R Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button SPXN1010VLU64R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPXN1010VLU64R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPXN1010VLU64R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPXN1010VLU64R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPXN1010VLU64R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPXN1010VLU64R Datasheet HTML 9Page - Freescale Semiconductor, Inc SPXN1010VLU64R Datasheet HTML 10Page - Freescale Semiconductor, Inc SPXN1010VLU64R Datasheet HTML 11Page - Freescale Semiconductor, Inc SPXN1010VLU64R Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 130 page
background image
Overview
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
8
The device can be awakened from STANDBY mode via from any of as many as 19 I/O pins, a reset or
from a periodic wake-up using a low power oscillator.
STOP mode maintains power to the entire device allowing the retention of all on-chip registers and
memory, and providing a faster recovery low power mode than the lowest STANDBY mode. There is no
need to reconfigure the device before executing code. The clocks to the core and peripherals are halted and
can be optionally stopped to the oscillator or PLL at the expense of a slower start-up time.
STOP is entered from RUN mode only. Wake-up from STOP mode is triggered by an external event or by
the internal periodic wake-up, if enabled.
RUN modes are the main operating mode where the entire device can be powered and clocked and from
which most processing activity is done. Four dynamic RUN modes are supported—RUN0 - RUN3. The
ability to configure and select different RUN modes enables different clocks and power configurations to
be supported with respect to each other and to allow switching between different operating conditions. The
necessary peripherals, clock sources, clock speed and system clock prescalers can be independently
configured for each of the four RUN modes of the device.
HALT mode is a reduced activity, low power mode intended for moderate periods of lower processing
activity. In this mode the core system clocks are stopped but user-selected peripheral tasks can continue to
run. It can be configured to provide more efficient power management features (switch-off PLL, flash
memory, main regulator, etc.) at the cost of longer wake up latency. The system returns to RUN mode as
soon as an event or interrupt is pending.


Similar Part No. - SPXN1010VLU64R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPXN1010VLU64R FREESCALE-SPXN1010VLU64R Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
More results

Similar Description - SPXN1010VLU64R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXD10RM FREESCALE-PXD10RM Datasheet
5Mb / 1332P
   PXD10 Microcontroller
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com