Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPXN1005VLQ120R Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # SPXN1005VLQ120R
Description  32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPXN1005VLQ120R Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button SPXN1005VLQ120R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPXN1005VLQ120R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPXN1005VLQ120R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPXN1005VLQ120R Datasheet HTML 9Page - Freescale Semiconductor, Inc SPXN1005VLQ120R Datasheet HTML 10Page - Freescale Semiconductor, Inc SPXN1005VLQ120R Datasheet HTML 11Page - Freescale Semiconductor, Inc SPXN1005VLQ120R Datasheet HTML 12Page - Freescale Semiconductor, Inc SPXN1005VLQ120R Datasheet HTML 13Page - Freescale Semiconductor, Inc SPXN1005VLQ120R Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
PXD10 Product Brief, Rev. 1
Features
Freescale Semiconductor
10
2.4.3
Display Control Unit (DCU)
The DCU is a display controller designed to drive TFT LCD displays capable of driving up to WQVGA
resolution screens with 16 layers and 4 planes with real time alpha-blending.
The DCU generates all the necessary signals required to drive the display: up to 24-bit RGB data bus, Pixel
Clock, Data Enable, Horizontal-Sync and Vertical-Sync.
Internal memory resource of the PXD10 allows to easily handle complex graphics contents (pictures,
icons, languages, fonts) on a color TFT panel in up to Wide Quarter Video Graphics Array (WQVGA)
sizes. All the data fetches from internal and/or external memory are performed by the internal four-channel
DMA of the DCU providing a high speed/low latency access to the system backbone.
Control Descriptors (CDs) associated with each layer enable effective merging of different resolutions into
one plane to optimize use of internal memory buffers. A layer may be constructed from graphic content of
various resolutions including 1bpp, 2bpp, 4bpp, 8bpp, 16bpp, 24bpp and 24bpp+alpha. The ability of the
DCU to handle input data in resolutions as low as 1bpp, 2bpp and 4bpp enables a highly efficient use of
internal memory resources of the PXD10. A special tiled mode can be enabled on any of the 16 layers to
repeat a pattern optimizing graphic memory usage.
A hardware cursor can be managed independently of the layers at blending level increasing the efficient
use of the internal DCU resources.
To secure the content of all critical information to be displayed, a safety mode can be activated to check
the integrity of critical data along the whole system data path from the memory to the TFT pads.
The DCU features the following:
Display color depth: up to 24 bpp
Generation of all RGB and control signals for TFT
Four-plane blending
Maximum number of Input Layers: 16 (fixed priority)
Dynamic look-up table (color and gamma look-up)
blending range: up to 256 levels
Transparency Mode
Gamma Correction
Tiled mode on all the layers
Hardware cursor
Critical display content integrity monitoring for functional safety support
Internal Direct Memory Access (DMA) module to transfer data from internal and/or external
memory.


Similar Part No. - SPXN1005VLQ120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPXN1005VLQ120R FREESCALE-SPXN1005VLQ120R Datasheet
717Kb / 130P
   PXD10 Microcontroller
More results

Similar Description - SPXN1005VLQ120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
PXS20PB FREESCALE-PXS20PB Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PXR40PB FREESCALE-PXR40PB Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
   32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
logo
Freescale Semiconductor...
TWR-PXN20 FREESCALE-TWR-PXN20 Datasheet
802Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Connected Performance
TWR-PXR40 FREESCALE-TWR-PXR40 Datasheet
729Kb / 8P
   32-bit Power Architecture짰 MCU for High-Performance Real-Time Applications
logo
NEC
E325 NEC-E325 Datasheet
700Kb / 2P
   NEC LCD 32 Entry Level Large Format Display
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com