Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPXS1010VLQ120R Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # SPXS1010VLQ120R
Description  32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPXS1010VLQ120R Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button SPXS1010VLQ120R Datasheet HTML 3Page - Freescale Semiconductor, Inc SPXS1010VLQ120R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPXS1010VLQ120R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPXS1010VLQ120R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPXS1010VLQ120R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPXS1010VLQ120R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPXS1010VLQ120R Datasheet HTML 9Page - Freescale Semiconductor, Inc SPXS1010VLQ120R Datasheet HTML 10Page - Freescale Semiconductor, Inc SPXS1010VLQ120R Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Table 2 summarizes the operating modes of PXD10 devices.
Table 2. Operating mode summary1
NOTES:
1
Table Key:
On—Powered and clocked
OP—Optionally configurable to be enabled or disabled (clock gated)
CG—Clock Gated, Powered but clock stopped
Off—Powered off and clock gated
FP—VREG Full Performance mode
LP—VREG Low Power mode, reduced output capability of VREG but lower power consumption
Var—Variable duration, based on the required reconfiguration and execution clock speed
BAM—Boot Assist Module Software and Hardware used for device start-up and configuration
Operating
modes
SOC features
Clock sources
Wake-up time2
2
A high level summary of some key durations that need to be considered when recovering from low power modes. This does not account for all
durations at wake up. Other delays will be necessary to consider including, but not limited to the external supply start-up time.
IRC Wake-up time must not be added to the overall wake-up time as it starts in parallel with the VREG.
All other wake-up times must be added to determine the total start-up time
RUN
OnOP
OP
On
OnOP
OP
On
OPOn
OP
FP
HALT
CG
OP
OP
On
On
OP
OP
On
OP
On
OP
OP
OP
FP
TBD
STOP
CG
CG
CG
On
On
CG
CG
OP
OP
On
OP
OP
OP
LP
50 µs 4 µs
20 µs
1ms 200 µs
24 µs
STANDBY
Off
Off3
3
The LCD can optionally be kept running while the device is in STANDBY mode.
Off
CG4
4
All of the RAM contents is retained, but not accessible in STANDBY mode.
Off
Off
Off
OP
OP
On
OP
OP
OP
LP
50 µs 8 µs 100 µs 1ms 200 µs
Var 28 µs
Off
Off
Off
8K5
5
8 KB of the RAM contents is retained, but not accessible in STANDBY mode.
Off
Off
Off
OP
OP
On
OP
OP
OP
LP
50 µs 8 µs 100 µs 1ms 200 µs
Var 28 µs
POR
500 µs 8 µs 100 µs 1ms 200 µs
BAM


Similar Part No. - SPXS1010VLQ120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPXS1010VLQ120R FREESCALE-SPXS1010VLQ120R Datasheet
717Kb / 130P
   PXD10 Microcontroller
More results

Similar Description - SPXS1010VLQ120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
PXS20PB FREESCALE-PXS20PB Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PXR40PB FREESCALE-PXR40PB Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
   32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
logo
Freescale Semiconductor...
TWR-PXN20 FREESCALE-TWR-PXN20 Datasheet
802Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Connected Performance
TWR-PXR40 FREESCALE-TWR-PXR40 Datasheet
729Kb / 8P
   32-bit Power Architecture짰 MCU for High-Performance Real-Time Applications
logo
NEC
E325 NEC-E325 Datasheet
700Kb / 2P
   NEC LCD 32 Entry Level Large Format Display
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com