Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-110-SL-E Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # STK672-110-SL-E
Description  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-110-SL-E Datasheet(HTML) 4 Page - Sanyo Semicon Device

  STK672-110-SL-E Datasheet HTML 1Page - Sanyo Semicon Device STK672-110-SL-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-110-SL-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-110-SL-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-110-SL-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-110-SL-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-110-SL-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-110-SL-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-110-SL-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
STK672-110-SL-E
No. A2139-4/11
Block Diagram
SP 11
F1
F2
F3
F4
+
-
+
-
Vref 12
RESETB 6
CWB 7
GND
SUB
RsB
C1
C2
VrefA
VrefB
RsA
R2
R1
1
CLOCK 9
MODE
A
8
VDD 10
5
AB
4
B
3
BB
2
Excitation mode
selection
Phase advance
counter
Off time
setting
Chopping circuit
Phase excitation
signal generation
Sample Application Circuit
CO3
10
μF
RESETB
5V
RO1
RO2
0.1
μF
CO1
Vref
RO3
5V
D1
CO4
+
+
+
10
μF
9
10
8
7
6
12
1
P.GND
Two-phase stepping motor
VCC
24V
2
3
4
5
A
AB
B
BB
GND
CO2
At least 100
μF
VDD=5V
11
CLOCK
MODE
CWB
STK672-110-SL-E


Similar Part No. - STK672-110-SL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK672-110-SL-E ONSEMI-STK672-110-SL-E Datasheet
172Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
More results

Similar Description - STK672-110-SL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com