Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-210-E Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # STK672-210-E
Description  Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-210-E Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button STK672-210-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
STK672-210-E
No. 7464-10/10
Figure 3 Allowable Loss Range, PAVL-IOH During STK672-210-E Avalanche Operations
Note:
The operating conditions given above represent a loss when driving a 2-phase stepping motor with constant current
chopping.
Because it is possible to apply 2W or more at IOH=0A, be sure to avoid using the MOSFET body diode that is used to
drive the motor as a zener diode.
[Smoke Emission Precuations]
If any of the output pins 2, 3, 4, and 5 is held open, the electrical stress onto the driver due to the inductive energy
accumulated in the motor could cause short-circuit followed by permanent damage to the internal MOSFET.
As a result, the STK672-210-E may give rise to emit smoke.
PS
This catalog provides information as of July, 2008. Specifications and information herein are subject
to change without notice.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellectual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
0
0.2
0.4
0.6
1.6
1.0
1.2
1.4
0.8
0.5
0
PAVL - IOH
ITF02618
2.5
2.0
1.5
1.0
Motor phase current, IOH - A


Similar Part No. - STK672-210-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
More results

Similar Description - STK672-210-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-220-E SANYO-STK672-220-E Datasheet
97Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
logo
List of Unclassifed Man...
STK6980 ETC1-STK6980 Datasheet
108Kb / 2P
   4-PHASE STEPPING MOTOR DRIVE FOR UNIPOLAR CONSTANT-CURRENT CHOPPER DRIVER
logo
Toshiba Semiconductor
TB67S539FTG TOSHIBA-TB67S539FTG Datasheet
1Mb / 39P
   BiCD Constant-Current Two-Phase Bipolar Stepping Motor Driver IC
2022-06-21 Ver.1.1
logo
Sanyo Semicon Device
STK672-110-E SANYO-STK672-110-E Datasheet
79Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
STK672-120-E SANYO-STK672-120-E Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com