Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-400 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # STK672-400
Description  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-400 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  STK672-400 Datasheet HTML 1Page - Sanyo Semicon Device STK672-400 Datasheet HTML 2Page - Sanyo Semicon Device STK672-400 Datasheet HTML 3Page - Sanyo Semicon Device STK672-400 Datasheet HTML 4Page - Sanyo Semicon Device STK672-400 Datasheet HTML 5Page - Sanyo Semicon Device STK672-400 Datasheet HTML 6Page - Sanyo Semicon Device STK672-400 Datasheet HTML 7Page - Sanyo Semicon Device STK672-400 Datasheet HTML 8Page - Sanyo Semicon Device STK672-400 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
STK672-400
No.A0751-4/19
Block Diagram
Sample Application Circuit
10
Stepping motor
VDD=5V
CLK
ENABLE
RO1
RO2
CO2=10
μF
VCC1=24V∼
CO1=100
μF
P.GND
STK672-400
S.GND
CWB
Vref
0.01
μF
1k
Ω
CO3
D1
RO3
Simplified power-on reset circuit
(this circuit cannot be used to
detect drops in the power-supply
voltage)
11
17
12
15
13
14
19
1
3
5
4
2
6
16
18
9
Excitation mode
control
Rising edge /
falling edge
detection
Voltage
division ratio
Phase
advance
counter
Reference clock
generator
PWM control
RC
oscillator
Poewr on reset
Current distribution
ratio switching
9
MODE1
MODE2
10
11
CLK 12
CWB
17
ENABLE
S.G 18
VSS 16
SUB
VDD
15
Pseudo sin
wave generator
13
MODE3
14
RESET
Phase excitation
drive signal
generator
7
8
19
Vref
NC
NC
+
-
+
-
A
AB
B
BB
45
3
1
P.G2
P.G1
2
6


Similar Part No. - STK672-400

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK672-400 ONSEMI-STK672-400 Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-400C-E SANYO-STK672-400C-E Datasheet
137Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-400C-E ONSEMI-STK672-400C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
More results

Similar Description - STK672-400

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com