Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-410C-E Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK672-410C-E
Description  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-410C-E Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK672-410C-E Datasheet HTML 1Page - Sanyo Semicon Device STK672-410C-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-410C-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-410C-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-410C-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-410C-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-410C-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-410C-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-410C-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
STK672-410C-E
No.A2138-2/19
Specifications
Absolute Maximum Ratings at Tc = 25
°C
Parameter
Symbol
Conditions
Ratings
unit
Maximum supply voltage 1
VCC max
No signal
52
V
Maximum supply voltage 2
VDD max
No signal
-0.3 to +7.0
V
Input voltage
VIN max
Logic input pins
-0.3 to +5.8
V
Output current
IOH max
VDD=5V, CLOCK≥200Hz
3.2
A
Allowable power dissipation
Pd max
With an arbitrarily large heat sink. Per MOSFET
10
W
Operating substrate temperature
Tc max
105
°C
Junction temperature
Tj max
150
°C
Storage temperature
Tstg
-40 to +125
°C
Allowable Operating Ranges at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
unit
Operating supply voltage 1
VCC
With signals applied
10 to 45
V
Operating supply voltage 2
VDD
With signals applied
5
±5%
V
Input high voltage
VIH
0 to 5.8
V
Output current
IOH
Tc=105
°C, CLOCK≥200Hz
3
A
Phase driver withstand voltage
VDSS
TR1, 2, 3, 4 ID=1mA (Tc=25°C)
100min
V
Electrical Characteristics at Tc=25
°C, VCC=24V, VDD=5.0V
Parameter
Symbol
Conditions
min
typ
max
unit
VDD supply current
ICCO
VDD=5.0V, ENABLE=Low Vref=2V
6
10
15
mA
Output average current
Ioave
R/L=3
Ω/3.8mH in each phase
0.51
0.59
0.66
A
FET diode forward voltage
Vdf
If=1A
1.2
1.6
V
Output saturation voltage
Vsat
RL=23Ω
0.3
0.5
V
VIH
Except for the Vref pin
2.5
V
Input voltage
VIL
Except for the Vref pin
0.6
V
IIH
Except for the Vref pin VIN=5V
10
μA
Control
input pin
Input current
IIL
Except for the Vref pin VIN=0V
10
μA
Input voltage
VI
Pin 19
2
VDD
V
Vref pin
Input current
Ios
Pin 19, VDD input
12.5
μA
PWM frequency
fc
37.5
50
62.5
kHz
Current Distribution Ratio
2W1-2
W1-2
1-2
θ=7/8
100
2W1-2
W1-2
θ=6/8
93
2W1-2
θ=5/8
84
2W1-2
W1-2
1-2
θ=4/8
71
2W1-2
θ=3/8
55
2W1-2
W1-2
θ=2/8
40
2W1-2
θ=1/8
19
2
Vref
*1
100
%
Notes: A fixed-voltage power supply must be used.
The value of Item 1 is the design target and not measured.


Similar Part No. - STK672-410C-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
More results

Similar Description - STK672-410C-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com