Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPXS2010VLQ80R Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # SPXS2010VLQ80R
Description  32-bit Power Architecture짰 Microcontrollers for Highly Reliable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPXS2010VLQ80R Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button SPXS2010VLQ80R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPXS2010VLQ80R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPXS2010VLQ80R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPXS2010VLQ80R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPXS2010VLQ80R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPXS2010VLQ80R Datasheet HTML 9Page - Freescale Semiconductor, Inc SPXS2010VLQ80R Datasheet HTML 10Page - Freescale Semiconductor, Inc SPXS2010VLQ80R Datasheet HTML 11Page - Freescale Semiconductor, Inc SPXS2010VLQ80R Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
PXS20 Product Brief, Rev. 1
Features
Freescale Semiconductor
8
The DPM mode increased performances can be estimated in first approximation as about 1.6× the
performance of the LSM mode at the same frequency for shared program flash configuration (up to 2×,
depending on software).
PXS20 devices support only static configuration at power-on (either LSM or DPM).
2.4.3
Mode-Specific Performance Parameters
•LSM:
— Up to 240 million integer instructions per second (dual integer unit)
— Up to 240 million floating point instructions per second (FPU)
— Up to 480 million multiply and accumulate instructions per second (SPE)
•DPM:
— 384–480 million integer/floating point instructions per second
— 768–960 million multiply and accumulate instructions per second
2.4.4
Functional Safety Suitability
The PXS20 has been successfully assessed by Exida Certification (Official Certification issued on Nov.
30th 2007) to be fit for purpose to achieve a safety integrity level 3 (SIL3) as per IEC61508-part 2 standard
with an overall SoC PFH of 0.1 FIT in LSM mode.
The mode of operation which allows to reach the highest safety level with minimum software requirement
is the Lock Step mode (LSM).
SIL3 innovative safety concept:
LockStep mode and Fail-safe protection
Sphere of replication (SoR) for key components (such as CPU core, eDMA, crossbar switch)
Fault collection and control unit (FCCU)
Redundancy control and checker unit (RCCU) on outputs of the SoR connected to FCCU
Boot-time Built-In Self-Test for Memory (MBIST) and Logic (LBIST) triggered by hardware
Boot-time Built-In Self-Test for ADC and flash memory triggered by software
Replicated safety enhanced watchdog
Replicated junction temperature sensor
Non-maskable interrupt (NMI)
16-region memory protection unit (MPU)
Clock monitoring units (CMU)
Power management unit (PMU)
Cyclic redundancy check (CRC) unit
2.5
Module Features


Similar Part No. - SPXS2010VLQ80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPXS2010VLQ80R FREESCALE-SPXS2010VLQ80R Datasheet
667Kb / 119P
   PXS20 Microcontroller
More results

Similar Description - SPXS2010VLQ80R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXR40PB FREESCALE-PXR40PB Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PXD10PB FREESCALE-PXD10PB Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
   32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
logo
Freescale Semiconductor...
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
TWR-PXN20 FREESCALE-TWR-PXN20 Datasheet
802Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Connected Performance
TWR-PXR40 FREESCALE-TWR-PXR40 Datasheet
729Kb / 8P
   32-bit Power Architecture짰 MCU for High-Performance Real-Time Applications
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
   32-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com