Electronic Components Datasheet Search |
|
SPXR2010VMM80R Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc |
|
SPXR2010VMM80R Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc |
4 / 119 page PXS20 Microcontroller Data Sheet, Rev. 1 Preliminary—Subject to Change Without Notice Introduction Freescale Semiconductor 4 Crossbar Master × slave ports Lock Step Mode: 4 × 3 Decoupled Parallel Mode: 6 × 3 Memory Code/data flash 1 MB, ECC, RWW Static RAM (SRAM) 128 KB, ECC Modules Interrupt controller (INTC) 16 interrupt levels, replicated module Periodic Interrupt Timer (PIT) 1 × 4 channels System timer module (STM) 1 × 4 channels, replicated module Software watchdog timer (SWT) Yes, replicated module eDMA 16 channels, replicated module FlexRay 1 × 64 message buffers, dual channel CAN 2 × 32 message buffers UART with DMA support 2 Clock out Yes Fault control & collection unit (FCCU) Yes Cross triggering unit (CTU) Yes eTimer 3 × 6 channels PWM 2 Module 4 × (2 + 1) channels Analog-to-digital converter (ADC) 2 × 12-bit ADC, 16 channels per ADC (3 internal, 4 shared and 9 external) Modules (cont.) Sine-wave generator (SWG) 32 point Serial peripheral interface (SPI) 3 × SPI as many as 8 chip selects Cyclic redundancy checker (CRC) unit Yes Junction temperature sensor (TSENS) Yes, replicated module Digital I/Os 16 Supply Device power supply 3.3 V with integrated bypassable ballast transistor External ballast transistor not needed for bare die Analog reference voltage 3.0 V – 3.6 V and 4.5 V – 5.5 V Clocking Frequency-modulated phase-locked loop (FMPLL) 2 Internal RC oscillator 16 MHz External crystal oscillator 4 – 40 MHz Debug Nexus Level 3+ Packages Type 144 LQFP 257 MAPBGA Table 1. PXS20 Family Feature Set (continued) Feature PXS20 |
Similar Part No. - SPXR2010VMM80R |
|
Similar Description - SPXR2010VMM80R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |