Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPXN2005VLQ120R Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # SPXN2005VLQ120R
Description  PXS20 Microcontroller
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPXN2005VLQ120R Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button SPXN2005VLQ120R Datasheet HTML 3Page - Freescale Semiconductor, Inc SPXN2005VLQ120R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPXN2005VLQ120R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPXN2005VLQ120R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPXN2005VLQ120R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPXN2005VLQ120R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPXN2005VLQ120R Datasheet HTML 9Page - Freescale Semiconductor, Inc SPXN2005VLQ120R Datasheet HTML 10Page - Freescale Semiconductor, Inc SPXN2005VLQ120R Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 119 page
background image
Introduction
PXS20 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
7
Figure 2. PXS20 block diagram (continued)
1.5
Feature details
1.5.1
High-Performance e200z4d Core
The e200z4d Power Architecture® core provides the following features:
2 independent execution units, both supporting fixed-point and floating-point operations
Dual issue 32-bit Power Architecture® technology compliant
— 5-stage pipeline (IF, DEC, EX1, EX2, WB)
— In-order execution and instruction retirement
Full support for Power Architecture® instruction set and Variable Length Encoding (VLE)
— Mix of classic 32-bit and 16-bit instruction allowed
— Optimization of code size possible
Thirty-two 64-bit general purpose registers (GPRs)
Harvard bus (32-bit address, 64-bit data)
— I-Bus interface capable of one outstanding transaction plus one piped with no wait-on-data return
— D-Bus interface capable of two transactions outstanding to fill AHB pipe
I-cache and I-cache controller
— 4 KB, 256-bit cache line (programmable for 2- or 4-way)
No data cache
16-entry MMU
8-entry branch table buffer
Branch look-ahead instruction buffer to accelerate branching
Dedicated branch address calculator
3 cycles worst case for missed branch
Load/store unit
— Fully pipelined
— Single-cycle load latency
— Big- and little-endian modes supported
ADC
– Analog-to-digital converter
BAM
– Boot assist module
CAN
– Controller area network controller
CMU
– Clock monitoring unit
CRC
– Cyclic redundancy check unit
CTU
– Cross Triggering Unit
ECC
– Error correction code
ECSM
– Error correction status module
eDMA
– Enhanced direct memory access controller
FCCU
– Fault collection and control unit
FMPLL
– Frequency modulated phase locked loop
INTC
– Interrupt controller
IRCOSC
– Internal RC oscillator
JTAG
– Joint Test Action Group interface
MC
– Mode entry, clock, reset, & power
PBRIDGE – Peripheral I/O bridge
PIT
– Periodic interrupt timer
PMU
– Power management unit
PWM
– Pulse width modulator module
RC
– Redundancy checker
RTC
– Real time clock
SEMA4
– Semaphore unit
SIUL
– System integration unit lite
SPI
– Serial peripherals interface controller
SSCM
– System status and configuration module
STM
– System timer module
SWG
– Sine wave generator
SWT
– Software watchdog timer
TSENS
– Temperature sensor
UART/LIN – Universal asynchronous receiver/transmitter/
local interconnect network
WKPU
– Wakeup unit
XOSC
– Crystal oscillator


Similar Part No. - SPXN2005VLQ120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPXN2005VLQ120R FREESCALE-SPXN2005VLQ120R Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
More results

Similar Description - SPXN2005VLQ120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXS20RM FREESCALE-PXS20RM Datasheet
7Mb / 1368P
   PXS20 Microcontroller
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com