Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPXR2005VMM120R Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # SPXR2005VMM120R
Description  32-bit Power Architecture짰 Microcontrollers for Highly Reliable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPXR2005VMM120R Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button SPXR2005VMM120R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPXR2005VMM120R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPXR2005VMM120R Datasheet HTML 9Page - Freescale Semiconductor, Inc SPXR2005VMM120R Datasheet HTML 10Page - Freescale Semiconductor, Inc SPXR2005VMM120R Datasheet HTML 11Page - Freescale Semiconductor, Inc SPXR2005VMM120R Datasheet HTML 12Page - Freescale Semiconductor, Inc SPXR2005VMM120R Datasheet HTML 13Page - Freescale Semiconductor, Inc SPXR2005VMM120R Datasheet HTML 14Page - Freescale Semiconductor, Inc SPXR2005VMM120R Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Features
PXS20 Product Brief, Rev. 1
Freescale Semiconductor
11
memory containing the transfer control descriptors (TCD) for the channels. This implementation is used
to minimize the overall block size.
The eDMA module provides the following features:
16 channels supporting 8-, 16-, and 32-bit value single or block transfers
Support variable sized queues and circular buffered queue
Source and destination address registers independently configured to post-increment or stay
constant
Support major and minor loop offset
Support minor and major loop done signals
DMA task initiated either by hardware requestor or by software
Each DMA task can optionally generate an interrupt at completion and retirement of the task
Signal to indicate closure of last minor loop
Transfer control descriptors mapped inside the SRAM
The eDMA controller is replicated for each processor.
2.5.5
On-Chip Flash Memory with ECC
This device includes programmable, non-volatile flash memory. The non-volatile memory (NVM) can be
used for instruction storage or data storage, or both. The flash memory module interfaces with the system
bus through a dedicated flash memory array controller. It supports a 64-bit data bus width at the system
bus port, and a 128-bit read data interface to flash memory. The module contains four 128-bit prefetch
buffers. Prefetch buffer hits allow no-wait responses. Buffer misses incur a 3 wait state response at
120 MHz.
The flash memory module provides the following features
1 MB of flash memory in unique multi-partitioned hard macro
Sectorization: 16 KB + 2 × 48 KB + 16 KB + 2 × 64 KB + 2 × 128 KB + 2 × 256 KB
EEPROM emulation (in software) within same module but on different partition
16 KB test sector and 16 KB shadow sector for test, censorship device and user option bits
Wait states:
— 3 wait states at 120 MHz
— 2 wait states at 80 MHz
— 1 wait state at 60 MHz
Flash memory line 128-bit wide with 8-bit ECC on 64-bit word (total 144 bits)
Accessed via a 64-bit wide bus for write and a 128-bit wide array for read operations
1-bit error correction, 2-bit error detection
2.5.6
On-Chip SRAM with ECC
The PXS20 SRAM provides a general-purpose single port memory.


Similar Part No. - SPXR2005VMM120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPXR2005VMM120R FREESCALE-SPXR2005VMM120R Datasheet
667Kb / 119P
   PXS20 Microcontroller
More results

Similar Description - SPXR2005VMM120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXR40PB FREESCALE-PXR40PB Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PXD10PB FREESCALE-PXD10PB Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
   32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
logo
Freescale Semiconductor...
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
TWR-PXN20 FREESCALE-TWR-PXN20 Datasheet
802Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Connected Performance
TWR-PXR40 FREESCALE-TWR-PXR40 Datasheet
729Kb / 8P
   32-bit Power Architecture짰 MCU for High-Performance Real-Time Applications
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
   32-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com