Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN2103MPX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN2103MPX
Description  3 A, 24 V Input, Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2103MPX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN2103MPX_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN2103MPX_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN2103MPX_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN2103MPX_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN2103MPX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN2103MPX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN2103MPX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN2103MPX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN2103MPX_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
November 2012
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2103 • Rev. 1.0.8
FAN2103 — TinyBuck™
3 A, 24 V Input, Integrated Synchronous Buck
Regulator
Features
3 A Output Current
Over 95% Efficiency
Fully Synchronous Operation with Integrated
Schottky Diode on Low-side MOSFET Boosts
Efficiency
Programmable Frequency Operation (200 KHz to
600 KHz)
Power-good Signal
Accepts Ceramic Capacitors on Output
External Compensation for Flexible Design
Wide Input Range: 3 V to 24 V
Output Voltage Range: 0.8 V to 90%V
IN
Input Under-Voltage Lockout
Programmable Over-Current Limit
Under-Voltage, Over-Voltage, and
Thermal Protections
5x6 mm, 25-pin, 3-Pad MLP
Applications
Graphics Cards
Battery-powered Equipment
Set-top Boxes
Point-of-load Regulation
Servers
Description
The FAN2103 TinyBuck™ is an easy-to-use, cost- and
space-efficient, 3 A synchronous buck solution. It
enables designers to solve high current requirements in
a small area with minimal external components.
External
compensation,
programmable
switching
frequency, and current limit features allow for design
optimization and flexibility.
The summing current mode modulator uses lossless
current sensing for current feedback and over-current,
and includes voltage feedforward.
Fairchild’s advanced BiCMOS power process, combined
with low RDS(ON) internal MOSFETs and a thermally
efficient MLP package provide the ability to dissipate
high power in a small package.
Output
over-voltage,
under-voltage,
and
thermal
shutdown protections plus power-good, help protect the
devices from damage during fault conditions.
Related Application Notes
TinyCalc™ Design Tool
AN-6033 — TinyCalc™ Design Tool Guide
AN-5067 – PCB Land Pattern Design and Surface
Mount Guidelines for MLP Packages
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing Method
FAN2103MPX
-10°C to 85°C
25-Pin Molded Leadless Package (MLP) 5x6 mm
Tape and Reel
FAN2103EMPX
-40°C to 85°C
25-Pin Molded Leadless Package (MLP) 5x6 mm
Tape and Reel


Similar Part No. - FAN2103MPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2103MPX FAIRCHILD-FAN2103MPX Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
FAN2103MPX FAIRCHILD-FAN2103MPX Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
More results

Similar Description - FAN2103MPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
Vishay Siliconix
SIC431 VISHAY-SIC431 Datasheet
809Kb / 24P
   Synchronous Buck Regulator 24 V Input, 24 A (SiC431)
logo
Fairchild Semiconductor
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
logo
ON Semiconductor
NCP3155BDR2G ONSEMI-NCP3155BDR2G Datasheet
419Kb / 25P
   3 A Synchronous Buck Regulator
February, 2012 ??Rev. 3
logo
Unisonic Technologies
USR1051 UTC-USR1051 Datasheet
179Kb / 4P
   3 A SYNCHRONOUS BUCK REGULATOR
USR1051 UTC-USR1051_15 Datasheet
179Kb / 4P
   3 A SYNCHRONOUS BUCK REGULATOR
logo
ON Semiconductor
NCP3155A ONSEMI-NCP3155A Datasheet
391Kb / 24P
   3 A Synchronous Buck Regulator
February, 2011 ??Rev. 1
logo
Texas Instruments
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com