Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1204EVM Datasheet(PDF) 5 Page - Texas Instruments

Part # AMC1204EVM
Description  Full-featured evaluation module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1204EVM Datasheet(HTML) 5 Page - Texas Instruments

  AMC1204EVM Datasheet HTML 1Page - Texas Instruments AMC1204EVM Datasheet HTML 2Page - Texas Instruments AMC1204EVM Datasheet HTML 3Page - Texas Instruments AMC1204EVM Datasheet HTML 4Page - Texas Instruments AMC1204EVM Datasheet HTML 5Page - Texas Instruments AMC1204EVM Datasheet HTML 6Page - Texas Instruments AMC1204EVM Datasheet HTML 7Page - Texas Instruments AMC1204EVM Datasheet HTML 8Page - Texas Instruments AMC1204EVM Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.ti.com
BOM, Schematic, and Layout
5.2
Device Operation
Once the analog and digital power sources are applied to the AMC1204EVM, the digital outputs become
active upon the application of an external modulator clock source. The internal reference of the AMC1204
is used as the conversion reference.
Additionally, an analog input signal may be applied directly at screw terminal J1. See Figure 1 and Table 3
for more details. The analog input range, (VIN+) – (VIN–), is ±320 mV.
As the input voltage approaches the maximum input level of +320mV, the 1s density of the modulator
output approaches 92%. Likewise, when the input voltage approaches the lower limit of –320 mV, the 1s
density is approximately 8%.
6
BOM, Schematic, and Layout
This section contains the complete bill of materials, schematic diagram, and PCB layout for the
AMC1204EVM.
NOTE:
Board layouts are not to scale. These are intended to show how the board is laid out; they
are not intended to be used for manufacturing AMC1204EVM PCBs.
6.1
Schematic
The AMC1204EVM schematic is appended to this document.
6.2
Printed Circuit Board Layout
Figure 3. AMC1204EVM Silk Screen Drawing
5
SBAU178 – August 2010
AMC1204EVM
Copyright © 2010, Texas Instruments Incorporated


Similar Part No. - AMC1204EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1204 TI1-AMC1204 Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204 Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1204 TI1-AMC1204 Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204-Q1 TI-AMC1204-Q1 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
More results

Similar Description - AMC1204EVM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
logo
Analog Devices
UG-515 AD-UG-515 Datasheet
2Mb / 28P
   Full-featured evaluation board
UG-459 AD-UG-459 Datasheet
787Kb / 12P
   Full-featured evaluation board
UG-572 AD-UG-572 Datasheet
1Mb / 20P
   Full featured evaluation board
UG-490 AD-UG-490 Datasheet
2Mb / 28P
   Full-featured evaluation board
UG-532 AD-UG-532 Datasheet
421Kb / 12P
   Full-featured evaluation board
UG-581 AD-UG-581 Datasheet
1Mb / 28P
   Full-featured evaluation board
EVAL-AD7403FMCZ AD-EVAL-AD7403FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
ADP2443-EVALZ AD-ADP2443-EVALZ Datasheet
357Kb / 9P
   Full featured evaluation board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com