Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN2106 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN2106
Description  TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2106 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN2106_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN2106_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN2106_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN2106_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN2106_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN2106_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN2106_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN2106_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN2106_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2106 • Rev. 1.1.2
5
Electrical Specifications
Electrical specifications are the result of using the circuit shown in Figure 1 with VIN = 12 V, unless otherwise noted.
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power Supplies
VCC Current
SW = Open, FB = 0.7 V, VCC = 5 V,
fSW = 600 KHz
8
12
mA
Shutdown: EN = 0, VCC = 5 V
7
10
µA
VCC UVLO Threshold
Rising VCC
4.1
4.3
4.5
V
Hysteresis
300
mV
Oscillator
Frequency
RT = 50 K
Ω
255
300
345
KHz
RT = 24 K
Ω
540
600
660
KHz
Minimum On-Time
(2)
50
65
ns
Ramp Amplitude, Peak-to-Peak
16 VIN, 1.8 VOUT, RT = 30 K
Ω,
RRAMP = 200 K
Ω
0.53
V
Minimum Off-Time
(2)
100
150
ns
Reference
Reference Voltage (VFB)
(3)
FAN2106MPX, TA = 25°C
794
800
806
mV
FAN2106EMPX, TA = 25°C
795
800
805
mV
Error Amplifier
DC Gain
(2)
VCC = 5 V
80
85
dB
Gain Bandwidth Product
(2)
12
15
MHz
Output Voltage (VCOMP)
0.4
3.2
V
Output Current, Sourcing
VCC = 5 V, VCOMP = 2.2 V
1.5
2.2
mA
Output Current, Sinking
VCC = 5 V, VCOMP = 1.2 V
0.8
1.2
mA
FB Bias Current
VFB = 0.8 V, TA = 25°C
-850
-650
-450
nA
Protection and Shutdown
Current Limit
RILIM Open, fSW = 500 KHz, VOUT =
1.8 V, RRAMP = 200 K
Ω, 16 Consecutive
Cycles
6
8
10
A
ILIM Current
VCC = 5 V, TA = 25°C
-11
-10
-9
µA
Over-Temperature Shutdown
Internal IC Temperature
+155
°C
Over-Temperature Hysteresis
+30
°C
Over-Voltage Threshold
2 Consecutive Clock Cycles
110
115
120
%VOUT
Under-Voltage Shutdown
16 Consecutive Clock Cycles
68
73
78
%VOUT
Fault Discharge Threshold
Measured at FB Pin
250
mV
Fault Discharge Hysteresis
Measured at FB Pin (VFB ~500 mV)
250
mV
Soft-Start
VOUT to Regulation (T0.8)
Frequency = 600 KHz
5.3
ms
Fault Enable/SSOK (T1.0)
6.7
ms
Continued on the following page…


Similar Part No. - FAN2106_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2106EMPX FAIRCHILD-FAN2106EMPX Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106EMPX FAIRCHILD-FAN2106EMPX Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2106EMPX FAIRCHILD-FAN2106EMPX Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106MPX FAIRCHILD-FAN2106MPX Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106MPX FAIRCHILD-FAN2106MPX Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
More results

Similar Description - FAN2106_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com