Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN2108 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN2108
Description  TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2108 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN2108_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN2108_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN2108_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN2108_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN2108_12 Datasheet HTML 10Page - Fairchild Semiconductor FAN2108_12 Datasheet HTML 11Page - Fairchild Semiconductor FAN2108_12 Datasheet HTML 12Page - Fairchild Semiconductor FAN2108_12 Datasheet HTML 13Page - Fairchild Semiconductor FAN2108_12 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2108 • Rev. 1.0.2
10
Circuit Description
Initialization
Once VCC exceeds the UVLO threshold and EN is HIGH,
the IC checks for an open or shorted FB pin before
releasing the internal soft-start ramp (SS).
If R1 is open (Figure 1), the error amplifier output
(COMP) is forced LOW and no pulses are generated.
After the SS ramp times out (T1.0), an under-voltage
latched fault occurs.
If the parallel combination of R1 and RBIAS is
≤ 1 KΩ, the
internal SS ramp is not released and the regulator does
not start.
Bias Supply
The FAN2108 requires a 5 V supply rail to bias the IC
and provide gate-drive energy. Connect a
≥ 1.0 µf X5R
or X7R decoupling capacitor between VCC and PGND.
Since VCC is used to drive the internal MOSFET gates,
supply current is frequency and voltage dependent.
Approximate VCC current (ICC) is calculated by:
)]
128
(
)
013
.
0
227
5
[(
58
.
4
)
(
+
+
=
f
V
I
CC
mA
CC
(1)
where frequency (f) is expressed in KHz.
Enable
FAN2108 has an internal pull-up to enable pin so that
the IC is enabled once VCC is applied. Connecting a
small capacitor across EN and AGND delays the rate of
voltage rise on the EN pin. EN pin also serves for the
restart whenever a fault occurs (refer to the Auto-Restart
section)
. For applications where sequencing is required,
FAN2108 can be enabled (after the VCC comes up) with
external control, as shown in Figure 20.
Figure 20. Enabling with External Control
Setting the Frequency
Oscillator frequency is determined by an external resistor,
RT, connected between the R(T) pin and AGND.
Resistance is calculated by:
65
135
)
/
10
( 6
)
(
=
Ω
f
R
K
T
(2)
where RT is in K
Ω and frequency (f) is in KHz.
The regulator cannot start if RT is left open.
Soft-Start
Once internal SS ramp has charged to 0.8 V (T0.8), the
output voltage is in regulation. Until SS ramp reaches
1.0 V (T1.0), the fault latch is inhibited.
To avoid skipping the soft-start cycle, it is necessary to
apply VIN before VCC reaches its UVLO threshold.
Soft-start time is a function of oscillator frequency.
SS
1.35V
FB
EN
0.8V
T0.8
T1.0
3200 CLKs
4000 CLKs
Fault
Latch
Enable
0.8V
1.0V
2400 CLKs
Figure 21. Soft-Start Timing Diagram
The regulator does not allow the low-side MOSFET to
operate in full synchronous rectification mode until
internal SS ramp reaches 95% of VREF (~0.76 V). This
helps the regulator to start on a pre-biased output and
ensures that inductor current does not "ratchet" up
during the soft-start cycle.
VCC UVLO or toggling the EN pin discharges the SS and
resets the IC.
Setting the Output Voltage
The output voltage of the regulator can be set from
0.8 V to 80% of VIN by an external resistor divider (R1
and RBIAS in Figure 1).
The internal reference is 0.8 V with 650 nA, sourced
from the FB pin to ensure that, if the pin is open, the
regulator does not start.
The external resistor divider is calculated using:
nA
R
V
V
R
V
OUT
BIAS
650
1
8
.
0
8
.
0
+
=
(3)
Connect RBIAS between FB and AGND.


Similar Part No. - FAN2108_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2108EMPX FAIRCHILD-FAN2108EMPX Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108MPX FAIRCHILD-FAN2108MPX Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

Similar Description - FAN2108_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com