Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN2110MPX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN2110MPX
Description  TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2110MPX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN2110MPX_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2110 • Rev. 1.0.4
2
Typical Application
Q1
Q2
SW
FB
P1
PGND
P3
COUT
OUT
L
P2
BOOT
1
COMP
VCC
R2
PGOOD
EN
+5V
C1
AGND
R1
RAMP
20
15
25
13
14
19
16
18
R(T)
RT
17
ILIM
RILIM
24
PWM
+
DRIVER
CBOOT
R3
C3
RBIAS
RRAMP
C2
IN
CIN
CHF
C4
Power
Good
Enable
Boot
Diode
POWER
MOSFETS
NC
Figure 1. Typical Application Diagram
Block Diagram
Figure 2. Block Diagram


Similar Part No. - FAN2110MPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2110MPX FAIRCHILD-FAN2110MPX Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

Similar Description - FAN2110MPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com