Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN48630UC35X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN48630UC35X
Description  2.5 MHz, 1500 mA, Synchronous TinyBoost??Regulator with Bypass Mode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN48630UC35X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN48630UC35X Datasheet HTML 1Page - Fairchild Semiconductor FAN48630UC35X Datasheet HTML 2Page - Fairchild Semiconductor FAN48630UC35X Datasheet HTML 3Page - Fairchild Semiconductor FAN48630UC35X Datasheet HTML 4Page - Fairchild Semiconductor FAN48630UC35X Datasheet HTML 5Page - Fairchild Semiconductor FAN48630UC35X Datasheet HTML 6Page - Fairchild Semiconductor FAN48630UC35X Datasheet HTML 7Page - Fairchild Semiconductor FAN48630UC35X Datasheet HTML 8Page - Fairchild Semiconductor FAN48630UC35X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN48630 • Rev. 1.0.1
5
Electrical Specifications
Recommended operating conditions, unless otherwise noted, circuit per Figure 1, VIN = 2.35 V to VOUT, TA = -40˚C to 85˚C.
Typical values are given VIN = 3.0 V and TA = 25˚C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IQ
VIN Quiescent Current
Bypass Mode VOUT=3.5 V, VIN=4.2 V
140
190
A
Boost Mode VOUT=3.5 V, VIN=2.5 V
150
250
A
Shutdown: EN=0, VIN=3.0 V
1.5
5.0
A
Forced Bypass Mode
VOUT=3.5 V, VIN=3.5 V
Low IQ
4
10
A
OCP On
45
90
A
ILK
VOUT to VIN Reverse Leakage
VOUT=5 V, EN=0
0.2
1.0
A
ILK_OUT
VOUT Leakage Current
VOUT=0, EN=0, VIN=4.2 V
0.1
1.0
A
VUVLO
Under-Voltage Lockout
VIN Rising
2.20
2.35
V
VUVLO_HYS
Under-Voltage Lockout Hysteresis
200
mV
VPG(OL)
PG Low
IPG=5 mA
0.4
V
IPG_LK
PG Leakage Current
VPG=5 V
1
µA
VIH
Logic Level HIGH EN, VSEL, BYP
1.2
V
VIL
Logic Level LOW EN, VSEL, BYP
0.4
V
RLOW
Logic Control Pin Pull Downs
(LOW Active)
BYP, VSEL, EN
300
k
IPD
Weak Current Source Pull-Down
BYP, VSEL, EN
100
nA
VREG
Output Voltage Accuracy
Referred to GND, DC, VOUT-VIN >
100 mV
–2
4
%
VTRSP
Load Transient Response
500 – 1250 mA, VIN=3.6 V, VOUT=5.0 V
±4
%
tON
On-Time
VIN=3.0 V, VOUT=3.5 V, Load >1000 mA
80
ns
fSW
Switching Frequency
VIN=3.6 V, VOUT=5.0 V, Load=1000 mA
2.0
2.5
3.0
MHz
IV_LIM
Boost Valley Current Limit
VIN=2.6 V
2.6
2.9
3.1
A
IV_LIM_SS
Boost Valley Current Limit During
SS
VIN=2.6 V
1.6
A
VMIN_1.5A
Minimum VIN for 1500 mA Load
(Short Term)
VOUT=5.0 V, TJ < 120˚C
3.0
V
VOUT=4.5 V, TJ < 120˚C
2.8
V
VOUT=3.5 V, TJ < 120˚C
2.35
V
VOUT=3.15 V, TJ < 120˚C
2.35
V
ISS_PK
Soft-Start Input Peak Current Limit
LIN1
Slow
350
mA
Fast
800
mA
LIN2
Slow
700
mA
Fast
1600
mA
tSS
Soft-Start EN HIGH to Regulation
Slow, 50
 Load
1300
s
Fast, 50
 Load
600
s
VOCP
OCP Comparator Threshold
VIN=5.0 V, VIN-VOUT
200
mV
VOVP
Output Over-Voltage Protection
Threshold
6.0
6.3
V
VOVP_HYS
Output Over-Voltage Protection
Hysteresis
300
mV
Continued on the following page…


Similar Part No. - FAN48630UC35X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN48630UC35X ONSEMI-FAN48630UC35X Datasheet
1Mb / 17P
   Synchronous TinyBoost Regulator with Bypass Mode
June 2015 Rev. 1.13
More results

Similar Description - FAN48630UC35X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN48630J ONSEMI-FAN48630J Datasheet
2Mb / 15P
   Synchronous Regulator with Bypass Mode, TINYBOOST짰, 2.5 MHz, 1500 mA
October, 2019 ??Rev. 2
FAN48623 ONSEMI-FAN48623 Datasheet
570Kb / 18P
   Synchronous TinyBoost Regulator with Bypass Mode
October-2017,Rev . 2
FAN48630 ONSEMI-FAN48630 Datasheet
1Mb / 17P
   Synchronous TinyBoost Regulator with Bypass Mode
June 2015 Rev. 1.13
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48632 ONSEMI-FAN48632 Datasheet
1Mb / 15P
   Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
FAN4860 ONSEMI-FAN4860 Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4868 ONSEMI-FAN4868 Datasheet
309Kb / 12P
   3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3
logo
Richtek Technology Corp...
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
   Synchronous Boost Regulator with Bypass Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com