Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN53611AUC11X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN53611AUC11X
Description  6 MHz 600 mA / 1 A Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN53611AUC11X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN53611AUC11X Datasheet HTML 1Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 2Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 3Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 4Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 5Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 6Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 7Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 8Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN53601 / FAN53611 • Rev. 1.0.1
4
Electrical Characteristics
Minimum and maximum values are at VIN = VEN = 2.3 V to 5.5 V, VMODE = 0 V (AUTO Mode), TA = -40°C to +85°C; circuit of
Figure 1, unless otherwise noted. Typical values are at TA = 25°C, VIN = VEN = 3.6 V.
Symbol Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supplies
IQ
Quiescent Current
No Load, Not Switching
24
50
µA
PWM Mode
8
mA
I(SD)
Shutdown Supply Current
EN = GND
0.25
1.00
µA
VUVLO
Under-Voltage Lockout Threshold Rising VIN
2.15
2.27
V
VUVHYST Under-Voltage Lockout Hysteresis
200
mV
Logic Inputs: EN and MODE Pins
VIH
Enable HIGH-Level Input Voltage
1.2
V
VIL
Enable LOW-Level Input Voltage
0.4
V
VLHYST
Logic Input Hysteresis Voltage
100
mV
IIN
Enable Input Leakage Current
Pin to VIN or GND
0.01
1.00
µA
Switching and Synchronization
fSW
Switching Frequency
(4)
VIN = 3.6 V, TA = 25°C
5.4
6.0
6.6
MHz
fSYNC
MODE Synchronization Range
(4)
Square Wave at MODE Input
1.3
1.5
1.7
MHz
Regulation
VO
Output Voltage
Accuracy
1.233 V
ILOAD = 0 to 1 A
1.207
1.233
1.272
V
PWM Mode
1.207
1.233
1.259
1.820 V
ILOAD = 0 to 1 A
1.784
1.820
1.875
PWM Mode
1.784
1.820
1.856
1.100 V
ILOAD = 0 to 1 A
1.075
1.100
1.136
PWM Mode
1.075
1.100
1.125
tSS
Soft-Start
From EN Rising Edge
180
300
µs
Output Driver
RDS(on)
PMOS On Resistance
VIN = VGS = 3.6 V
175
m
NMOS On Resistance
VIN = VGS = 3.6 V
165
m
ILIM(OL)
PMOS Peak Current Limit
Open-Loop for FAN53601
900
1100
1250
mA
Open-Loop for FAN53611
1500
1750
2000
mA
RDIS
Output Discharge Resistance
EN = GND
230
TTSD
Thermal Shutdown
150
°C
THYS
Thermal Shutdown Hysteresis
15
°C
Notes:
4.
Limited by the effect of tOFF minimum (see Operation Description section).
5.
The Electrical Characteristics table reflects open-loop data. Refer to the Operation Description and Typical Characteristics
Sections for closed-loop data.


Similar Part No. - FAN53611AUC11X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53611AUC11X ONSEMI-FAN53611AUC11X Datasheet
763Kb / 16P
   6 MHz, 600mA / 1 A Synchronous Buck Regulator
December-2017, Rev. 2
More results

Similar Description - FAN53611AUC11X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN5361 ONSEMI-FAN5361 Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
FAN53601 ONSEMI-FAN53601 Datasheet
763Kb / 16P
   6 MHz, 600mA / 1 A Synchronous Buck Regulator
December-2017, Rev. 2
logo
Fairchild Semiconductor
FAN53600 FAIRCHILD-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
   1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
NCP1595AMNTWG ONSEMI-NCP1595AMNTWG Datasheet
347Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com