Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD5N50NZTM Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDD5N50NZTM
Description  N-Channel MOSFET 500V, 4A, 1.5?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5N50NZTM Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDD5N50NZTM Datasheet HTML 1Page - Fairchild Semiconductor FDD5N50NZTM Datasheet HTML 2Page - Fairchild Semiconductor FDD5N50NZTM Datasheet HTML 3Page - Fairchild Semiconductor FDD5N50NZTM Datasheet HTML 4Page - Fairchild Semiconductor FDD5N50NZTM Datasheet HTML 5Page - Fairchild Semiconductor FDD5N50NZTM Datasheet HTML 6Page - Fairchild Semiconductor FDD5N50NZTM Datasheet HTML 7Page - Fairchild Semiconductor FDD5N50NZTM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDD5N50NZ Rev. C0
www.fairchildsemi.com
2
Package Marking and Ordering Information
Electrical Characteristics T
C = 25
oC unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD5N50NZ
FDD5N50NZTM
D-PAK
380mm
16mm
2500
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250A, VGS = 0V, TJ = 25oC
500
-
-
V
BVDSS
TJ
Breakdown Voltage Temperature
Coefficient
ID = 250A, Referenced to 25oC
-
0.5
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 500V, VGS = 0V
-
-
1
A
VDS = 400V, TC = 125oC-
-
10
IGSS
Gate to Body Leakage Current
VGS = ±25V, VDS = 0V
-
-
±10
A
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250A
3.0
-
5.0
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 2A
-
1.38
1.5
gFS
Forward Transconductance
VDS = 20V, ID = 2A
(Note 4)
-
3.54
-
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V
f = 1MHz
-
330
440
pF
Coss
Output Capacitance
-
50
70
pF
Crss
Reverse Transfer Capacitance
-
4
6
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 400V ID = 4A
VGS = 10V
(Note 4, 5)
-
9
12
nC
Qgs
Gate to Source Gate Charge
-
2
-
nC
Qgd
Gate to Drain “Miller” Charge
-
4
-
nC
td(on)
Turn-On Delay Time
VDD = 250V, ID = 4A
VGS = 10V, RG = 25
(Note 4, 5)
-12
35
ns
tr
Turn-On Rise Time
-
22
55
ns
td(off)
Turn-Off Delay Time
-
28
65
ns
tf
Turn-Off Fall Time
-
21
50
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
4
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
16
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, ISD = 4A
-
-
1.4
V
trr
Reverse Recovery Time
VGS = 0V, ISD = 4A
dIF/dt = 100A/s
(Note 4)
-
210
-
ns
Qrr
Reverse Recovery Charge
-
1.1
-
C
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 38mH, IAS = 4A, VDD = 50V, RG = 25, Starting TJ = 25C
3. ISD 4A, di/dt  200A/s, VDD  BVDSS, Starting TJ = 25C
4. Pulse Test: Pulse width
 300s, Dual Cycle  2%
5. Essentially Independent of Operating Temperature Typical Characteristics


Similar Part No. - FDD5N50NZTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5N50NZTM FAIRCHILD-FDD5N50NZTM Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FDD5N50NZTM

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N50_1109 UTC-4N50_1109 Datasheet
183Kb / 6P
   4A, 500V N-CHANNEL POWER MOSFET
logo
Rectron Semiconductor
RM4N500LD RECTRON-RM4N500LD Datasheet
390Kb / 6P
   4A,500V N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDD5N50 FAIRCHILD-FDD5N50 Datasheet
503Kb / 8P
   N-Channel MOSFET 500V, 4A, 1.4廓
FDD5N53 FAIRCHILD-FDD5N53 Datasheet
250Kb / 9P
   N-Channel MOSFET 530V, 4A, 1.5廓
FDP5N50U FAIRCHILD-FDP5N50U_12 Datasheet
392Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4A, 2.0廓
logo
Intersil Corporation
BUZ42 INTERSIL-BUZ42 Datasheet
41Kb / 5P
   4A, 500V, 2.000 Ohm, N-Channel Power MOSFET
October 1998
logo
Taiwan Semiconductor Co...
TSM5ND50CI TSC-TSM5ND50CI Datasheet
326Kb / 6P
   N-Channel Power MOSFET 500V, 5A, 1.5廓
logo
First Silicon Co., Ltd
FTK5N50P FS-FTK5N50P Datasheet
373Kb / 7P
   4.4A, 500V, 1.5廓 N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
UF830 UTC-UF830 Datasheet
307Kb / 8P
   4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
UF830Z UTC-UF830Z Datasheet
280Kb / 8P
   4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com