Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD7N60NZ Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDD7N60NZ
Description  N-Channel MOSFET 600V, 5.5A, 1.25?
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD7N60NZ Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDD7N60NZ_10 Datasheet HTML 1Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 2Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 3Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 4Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 5Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 6Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 7Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 8Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FDD7N60NZ / FDU7N60NZ Rev. A
www.fairchildsemi.com
5
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Similar Part No. - FDD7N60NZ_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD7N60NZTM FAIRCHILD-FDD7N60NZTM Datasheet
668Kb / 9P
   N-Channel UniFETTM II MOSFET 600 V, 5.5 A, 1.25 廓
More results

Similar Description - FDD7N60NZ_10

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC746N60J E-CMOS-EC746N60J Datasheet
417Kb / 5P
   600V,5.5A N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDPF7N60NZ FAIRCHILD-FDPF7N60NZ Datasheet
285Kb / 10P
   N-Channel MOSFET 600V, 6.5A, 1.25?
logo
Renesas Technology Corp
N6504NZ RENESAS-N6504NZ Datasheet
303Kb / 8P
   N-channel MOSFET 650V, 5.5A, 2.1
Jun 10, 2013
logo
KIA Semiconductor Techn...
6N65H KIA-6N65H Datasheet
281Kb / 5P
   5.5A竊?50V N-CHANNEL MOSFET
logo
E-CMOS Corporation
EC744N65 E-CMOS-EC744N65 Datasheet
393Kb / 5P
   650V,5.5A N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDD6N50F FAIRCHILD-FDD6N50F Datasheet
354Kb / 9P
   N-Channel MOSFET 500V, 5.5A, 1.15廓
logo
Tak Cheong Electronics ...
TFP730 TAK_CHEONG-TFP730 Datasheet
345Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
logo
Intersil Corporation
BUZ60 INTERSIL-BUZ60 Datasheet
41Kb / 5P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
October 1998
IRF330 INTERSIL-IRF330 Datasheet
58Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFF730 TAK_CHEONG-TFF730 Datasheet
325Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com