Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM21BR60J226M Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # GRM21BR60J226M
Description  2A, 24V, 1.2MHz Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

GRM21BR60J226M Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button GRM21BR60J226M Datasheet HTML 6Page - Richtek Technology Corporation GRM21BR60J226M Datasheet HTML 7Page - Richtek Technology Corporation GRM21BR60J226M Datasheet HTML 8Page - Richtek Technology Corporation GRM21BR60J226M Datasheet HTML 9Page - Richtek Technology Corporation GRM21BR60J226M Datasheet HTML 10Page - Richtek Technology Corporation GRM21BR60J226M Datasheet HTML 11Page - Richtek Technology Corporation GRM21BR60J226M Datasheet HTML 12Page - Richtek Technology Corporation GRM21BR60J226M Datasheet HTML 13Page - Richtek Technology Corporation GRM21BR60J226M Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
RT8271
10
DS8271-02 March 2011
www.richtek.com
Ferrite core material saturates
“hard”, which means that
inductance collapses abruptly when the peak design
current is exceeded. The previous situation results in an
abrupt increase in inductor ripple current and consequent
output voltage ripple.
Do not allow the core to saturate!
Different core materials and shapes will change the size/
current and price/current relationship of an inductor.
Toroid or shielded pot cores in ferrite or permalloy materials
are small and do not radiate energy. However, they are
usually more expensive than the similar powdered iron
inductors. The rule for inductor choice mainly depends
on the price vs. size requirement and any radiated field/
EMI requirements.
Diode Selection
When the power switch turns off, the path for the current
is through the diode connected between the switch output
and ground. This forward biased diode must have a
minimum voltage drop and recovery times. Schottky diode
is recommended and it should be able to handle those
current. The reverse voltage rating of the diode should be
greater than the maximum input voltage, and current rating
should be greater than the maximum load current. For
more detail please refer to Table 4.
CIN and COUT Selection
The input capacitance, CIN, is needed to filter the
trapezoidal current at the source of the high side MOSFET.
To prevent large ripple current, a low ESR input capacitor
sized for the maximum RMS current should be used. The
RMS current is given by :
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is
commonly used for design because even significant
deviations do not offer much relief.
Choose a capacitor rated at a higher temperature than
required. Several capacitors may also be paralleled to
meet size or height requirements in the design.
For the input capacitor, a 10
μF low ESR ceramic capacitor
is recommended. For the recommended capacitor, please
refer to table 3 for more detail.
The selection of COUT is determined by the required ESR
to minimize voltage ripple.
Moreover, the amount of bulk capacitance is also a key
for COUT selection to ensure that the control loop is stable.
Loop stability can be checked by viewing the load transient
response as described in a later section.
The output ripple,
ΔVOUT , is determined by :
The output ripple will be highest at the maximum input
voltage since
ΔIL increases with input voltage. Multiple
capacitors placed in parallel may be needed to meet the
ESR and RMS current handling requirement. Dry tantalum,
special polymer, aluminum electrolytic and ceramic
capacitors are all available in surface mount packages.
Special polymer capacitors offer very low ESR value.
However, it provides lower capacitance density than other
types. Although Tantalum capacitors have the highest
capacitance density, it is important to only use types that
pass the surge test for use in switching power supplies.
Aluminum electrolytic capacitors have significantly higher
ESR. However, it can be used in cost-sensitive applications
for ripple current rating and long term reliability
considerations. Ceramic capacitors have excellent low
ESR characteristics but can have a high voltage coefficient
and audible piezoelectric effects. The high Q of ceramic
capacitors with trace inductance can also lead to significant
ringing.
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them ideal
for switching regulator applications. However, care must
be taken when these capacitors are used at input and
output. When a ceramic capacitor is used at the input
and the power is supplied by a wall adapter through long
wires, a load step at the output can induce ringing at the
input, VIN. At best, this ringing can couple to the output
and be mistaken as loop instability. At worst, a sudden
inrush of current through the long wires can potentially
cause a voltage spike at VIN large enough to damage the
part.
OUT
IN
RMS
OUT(MAX)
IN
OUT
V
V
I
= I
1
VV
OUT
L
OUT
1
VI
ESR
8fC
⎡⎤
Δ≤ Δ
+
⎢⎥
⎣⎦


Similar Part No. - GRM21BR60J226M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM21BR60J226M MURATA-GRM21BR60J226M Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 22關F 6.3V
logo
Texas Instruments
GRM21BR60J226M TI1-GRM21BR60J226M Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
logo
Semtech Corporation
GRM21BR60J226M SEMTECH-GRM21BR60J226M Datasheet
1Mb / 23P
   Dual Channel 2.5MHz, 1.7A Synchronous Buck Regulator
GRM21BR60J226M SEMTECH-GRM21BR60J226M Datasheet
2Mb / 22P
   Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
logo
Advanced Analogic Techn...
GRM21BR60J226ME01L ANALOGICTECH-GRM21BR60J226ME01L Datasheet
394Kb / 14P
   1MHz 1.2A Buck DC/DC Converter
More results

Similar Description - GRM21BR60J226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8272 RICHTEK-RT8272 Datasheet
193Kb / 12P
   3A, 24V, 1.2MHz Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
   1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
   2A, 1.2MHz Synchronous Step-Down Converter
RT8270 RICHTEK-RT8270 Datasheet
219Kb / 12P
   2A, 22V, 1.2MHz Step-Down Converter
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
   2A, 24V, 3MHz Step-Down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
   2A, 24V Synchronous Step-Down Converter
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
   2A, 24V, 1.4MHz STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
   2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
   2A, 24V Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com