Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3225X5R0J226M Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # C3225X5R0J226M
Description  2A, 24V, 1.2MHz Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R0J226M Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button C3225X5R0J226M Datasheet HTML 4Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 5Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 6Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 9Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 10Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 11Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
RT8271
8
DS8271-02 March 2011
www.richtek.com
Power On from EN Pin
Time (250
μs/Div)
IIN
(500mA/Div)
VIN = 12V
VOUT = 2.5V
IOUT = 2A
VOUT
(1V/Div)
VEN
(5V/Div)
Power Off from EN Pin
Time (100
μs/Div)
IIN
(500mA/Div)
VOUT
(1V/Div)
VEN
(5V/Div)
VIN = 12V, VOUT = 2.5V, IOUT = 2A


Similar Part No. - C3225X5R0J226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - C3225X5R0J226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8272 RICHTEK-RT8272 Datasheet
193Kb / 12P
   3A, 24V, 1.2MHz Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
   1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
   2A, 1.2MHz Synchronous Step-Down Converter
RT8270 RICHTEK-RT8270 Datasheet
219Kb / 12P
   2A, 22V, 1.2MHz Step-Down Converter
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
   2A, 24V, 3MHz Step-Down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
   2A, 24V Synchronous Step-Down Converter
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
   2A, 24V, 1.4MHz STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
   2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
   2A, 24V Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com