Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMK325BJ476MM Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # EMK325BJ476MM
Description  3A, 24V, 1.2MHz Step-Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

EMK325BJ476MM Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button EMK325BJ476MM Datasheet HTML 4Page - Richtek Technology Corporation EMK325BJ476MM Datasheet HTML 5Page - Richtek Technology Corporation EMK325BJ476MM Datasheet HTML 6Page - Richtek Technology Corporation EMK325BJ476MM Datasheet HTML 7Page - Richtek Technology Corporation EMK325BJ476MM Datasheet HTML 8Page - Richtek Technology Corporation EMK325BJ476MM Datasheet HTML 9Page - Richtek Technology Corporation EMK325BJ476MM Datasheet HTML 10Page - Richtek Technology Corporation EMK325BJ476MM Datasheet HTML 11Page - Richtek Technology Corporation EMK325BJ476MM Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RT8272
8
DS8272-02 March 2011
www.richtek.com
Application Information
The RT8272 is an asynchronous high voltage buck
converter that can support the input voltage range from
4.75V to 24V and the output current can be up to 3A.
Output Voltage Setting
The resistive divider allows the FB pin to sense the output
voltage as shown in Figure 1.
Figure 1. Output Voltage Setting
The output voltage is set by an external resistive divider
according to the following equation :
⎛⎞
+
⎜⎟
⎝⎠
OUT
FB
R1
V
= V
1
R2
Where VFB is the feedback reference voltage (0.92V typ.).
Figure 2. External Bootstrap Diode
Soft-Start
The RT8272 contains an external soft-start clamp that
gradually raises the output voltage. The soft-start timming
can be programed by the external capacitor between SS
pin and GND. The chip provides a 10
μA charge current for
the external capacitor. If 0.1
μF capacitor is used to set
the soft-start and it
’ s period will be 10ms(typ.).
Inductor Selection
The inductor value and operating frequency determine the
ripple current according to a specific input and output
voltage. The ripple current
ΔIL increases with higher VIN
and decreases with higher inductance.
OUT
OUT
L
IN
VV
I =
1
fL
V
⎡⎤ ⎡
Δ× −
⎢⎥ ⎢
×
⎣⎦ ⎣
Having a lower ripple current reduces not only the ESR
losses in the output capacitors but also the output voltage
ripple. High frequency with small ripple current can achieve
highest efficiency operation. However, it requires a large
inductor to achieve this goal.
For the ripple current selection, the value of
ΔIL= 0.4(IMAX)
will be a reasonable starting point. The largest ripple
current occurs at the highest VIN. To guarantee that the
ripple current stays below the specified maximum, the
inductor value should be chosen according to the following
equation :
OUT
OUT
L(MAX)
IN(MAX)
VV
L =
1
fI
V
⎡⎤ ⎡
×−
⎢⎥ ⎢
×Δ
⎣⎦ ⎣
Inductor Core Selection
The inductor type must be selected once the value for L
is known. Generally speaking, high efficiency converters
can not afford the core loss found in low cost powdered
iron cores. So, the more expensive ferrite or
mollypermalloy cores will be a better choice.
The selected inductance rather than the core size for a
fixed inductor value is the key for actual core loss. As the
inductance increases, core losses decrease. Unfortunately,
increase of the inductance requires more turns of wire
and therefore the copper losses will increase.
Ferrite designs are preferred at high switching frequency
due to the characteristics of very low core losses. So,
design goals can focus on the reduction of copper loss
and the saturation prevention.
RT8272
GND
FB
R1
R2
VOUT
SW
BOOT
5V
RT8272
10nF
External Bootstrap Diode
Connect a 10nF low ESR ceramic capacitor between the
BOOT pin and SW pin. This capacitor provides the gate
driver voltage for the high side MOSFET.
It is recommended to add an external bootstrap diode
between an external 5V and the BOOT pin for efficiency
improvement when input voltage is lower than 5.5V or duty
ratio is higher than 65%. The bootstrap diode can be a
low cost one such as 1N4148 or BAT54.
The external 5V can be a 5V fixed input from system or a
5V output of the RT8272.


Similar Part No. - EMK325BJ476MM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
EMK325BJ476MM RICHTEK-EMK325BJ476MM Datasheet
210Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
EMK325BJ476MM RICHTEK-EMK325BJ476MM Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Taiyo Yuden (U.S.A.), I...
EMK325BJ476MM-P TAIYO-YUDEN-EMK325BJ476MM-P Datasheet
331Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
EMK325BJ476MM-T TAIYO-YUDEN-EMK325BJ476MM-T Datasheet
144Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - EMK325BJ476MM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8271 RICHTEK-RT8271 Datasheet
237Kb / 15P
   2A, 24V, 1.2MHz Step-Down Converter
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT7256B RICHTEK-RT7256B Datasheet
224Kb / 14P
   3A, 17V, 1.2MHz Synchronous Step-Down Converter
RT8269 RICHTEK-RT8269 Datasheet
198Kb / 12P
   3A, 24V, 400kHz Step-Down Converter
RT8280 RICHTEK-RT8280 Datasheet
249Kb / 16P
   3A, 24V, 3MHz Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8293B RICHTEK-RT8293B Datasheet
289Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com