Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP039N08B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDP039N08B
Description  N-Channel PowerTrench MOSFET 80V, 171A, 3.9mW
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP039N08B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDP039N08B Datasheet HTML 1Page - Fairchild Semiconductor FDP039N08B Datasheet HTML 2Page - Fairchild Semiconductor FDP039N08B Datasheet HTML 3Page - Fairchild Semiconductor FDP039N08B Datasheet HTML 4Page - Fairchild Semiconductor FDP039N08B Datasheet HTML 5Page - Fairchild Semiconductor FDP039N08B Datasheet HTML 6Page - Fairchild Semiconductor FDP039N08B Datasheet HTML 7Page - Fairchild Semiconductor FDP039N08B Datasheet HTML 8Page - Fairchild Semiconductor FDP039N08B Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FDP039N08B_F102 Rev.C0
www.fairchildsemi.com
2
Package Marking and Ordering Information
Electrical Characteristics T
C = 25
oC unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Device Marking
Device
Package
Description
Quantity
FDP039N08B
FDP039N08B_F102
TO-220
F102: Trimmed Leads
50
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250mA, VGS = 0V
80
-
-
V
DBVDSS
DTJ
Breakdown Voltage Temperature
Coefficient
ID = 250mA, Referenced to 25oC
-
0.089
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 64V, VGS = 0V
-
-
1
mA
VDS = 64V, TC = 150
oC
-
-
500
IGSS
Gate to Body Leakage Current
VGS = ±20V, VDS = 0V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250mA
2.5
-
4.5
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 100A
-
3.16
3.9
m
W
gFS
Forward Transconductance
VDS = 10V, ID = 100A
-
180
-
S
Ciss
Input Capacitance
VDS = 40V, VGS = 0V
f = 1MHz
-
7105
9450
pF
Coss
Output Capacitance
-
1110
1475
pF
Crss
Reverse Transfer Capacitance
-
30
-
pF
Coss(er)
Energy Related Output Capacitance
VDS = 40V, VGS = 0V
-
1656
-
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 40V, ID = 100A
VGS = 10V
(Note 4)
-
102
133
nC
Qgs
Gate to Source Gate Charge
-
39.9
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
20.6
-
nC
Qgd
Gate to Drain “Miller” Charge
-
22
-
nC
ESR
Equivalent Series Resistance (G-S)
f = 1MHz
-
2.2
-
W
td(on)
Turn-On Delay Time
VDD = 40V, ID = 100A
VGS = 10V, RGEN = 4.7W
(Note 4)
-
36
82
ns
tr
Turn-On Rise Time
-
49
108
ns
td(off)
Turn-Off Delay Time
-
71
152
ns
tf
Turn-Off Fall Time
-
29
68
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
171*
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
684
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, ISD = 100A
-
-
1.3
V
trr
Reverse Recovery Time
VGS = 0V, VDD = 40V, ISD = 100A
dIF/dt = 100A/ms
-
70.1
-
ns
Qrr
Reverse Recovery Charge
-
87.9
-
nC
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 3mH, IAS = 19.1A, Starting TJ = 25°C
3. ISD £ 100A, di/dt £ 200A/ms, VDD £ BVDSS, Starting TJ = 25°C
4. Essentially Independent of Operating Temperature Typical Characteristics


Similar Part No. - FDP039N08B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP039N08B ISC-FDP039N08B Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP039N08B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB8870 FAIRCHILD-FDB8870 Datasheet
121Kb / 11P
   N-Channel PowerTrench MOSFET 30V, 160A, 3.9mW
logo
Guangdong Kexin Industr...
KDS3512 KEXIN-KDS3512 Datasheet
62Kb / 2P
   80V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
SI4480DY FAIRCHILD-SI4480DY Datasheet
90Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3590 FAIRCHILD-FDS3590 Datasheet
204Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570_00 Datasheet
83Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570 Datasheet
250Kb / 8P
   80V N-Channel PowerTrench??MOSFET
FDC3512 FAIRCHILD-FDC3512 Datasheet
133Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDD3570 FAIRCHILD-FDD3570 Datasheet
219Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDD3570_0011 FAIRCHILD-FDD3570_0011 Datasheet
76Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3512 FAIRCHILD-FDS3512 Datasheet
86Kb / 5P
   80V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com