Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBM25SX Datasheet(PDF) 11 Page - ITT Industries

Part # DBM25SX
Description  D Subminiature Connectors
Download  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM25SX Datasheet(HTML) 11 Page - ITT Industries

Back Button DBM25SX Datasheet HTML 7Page - ITT Industries DBM25SX Datasheet HTML 8Page - ITT Industries DBM25SX Datasheet HTML 9Page - ITT Industries DBM25SX Datasheet HTML 10Page - ITT Industries DBM25SX Datasheet HTML 11Page - ITT Industries DBM25SX Datasheet HTML 12Page - ITT Industries DBM25SX Datasheet HTML 13Page - ITT Industries DBM25SX Datasheet HTML 14Page - ITT Industries DBM25SX Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
10
D Subminiature
D*
Straight Solder Termination (Machined) — European PC Tails
Part Numbers
Shell Size
Layout
Through Hole
Standoff #4-40 UNC
With Pushfit/Boardlock
Standoff M3 With
Pushfit/Boardlock
DE
9
DE9P-0L2-K87
DEE9P-0L2-K87-146
DEX9P-0L2-K87-146
DA
15
DA15P-0L2-K87
DAE15P-0L2-K87-146
DAX15P-0L2-K87-146
DB
25
DB25P-0L2-K87
DBE25P-0L2-K87-146
DBX25P-0L2-K87-146
DC
37
DC37P-0L2-K87
DCE37P-0L2-K87-146
DCX37P-0L2-K87-146
DD
50
DD50P-0L2-K87
DDE50P-0L2-K87-146
DDX50P-0L2-K87-146
Note: For performance class 2 add -A191. Example DA15P-OL2-A191-K87.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0.25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
6,84 (.269)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
6,84 (.269)
0,99 (.039)
Plug
Engaging Face
5,69 (.224)
2,84 (.112)
L
F
W
2,84 (.112)
DD Configuration
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 2-3.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 274.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
PC Tail
Modifier
X
±0,30 (.012)
Y
±0,30 (.012)
OL2
5,20 (.205)
10,20 (.401)
OL4
6,75 (.266)
11,80 (.465)
10
°
D
E
C
B
A
Ø 3,05 (.120)
POSITION 1
Ø 0,60 (.024)
Y
X


Similar Part No. - DBM25SX

ManufacturerPart #DatasheetDescription
logo
FCI connector
DBM25S FCI-CONNECTOR-DBM25S Datasheet
217Kb / 4P
   SUB FEMALE DM HE501 series with solder bucket
DBM25S500C FCI-CONNECTOR-DBM25S500C Datasheet
805Kb / 9P
   SUB FEMALE DM HE501 series with right angle contact
DBM25S500M FCI-CONNECTOR-DBM25S500M Datasheet
805Kb / 9P
   SUB FEMALE DM HE501 series with right angle contact
DBM25S543C FCI-CONNECTOR-DBM25S543C Datasheet
805Kb / 9P
   SUB FEMALE DM HE501 series with right angle contact
DBM25S543M FCI-CONNECTOR-DBM25S543M Datasheet
805Kb / 9P
   SUB FEMALE DM HE501 series with right angle contact
More results

Similar Description - DBM25SX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com