Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF7N60NZ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDPF7N60NZ
Description  N-Channel MOSFET 600V, 6.5A, 1.25?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF7N60NZ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDPF7N60NZ Datasheet HTML 1Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 2Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 3Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 4Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 5Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 6Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 7Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 8Page - Fairchild Semiconductor FDPF7N60NZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FDP7N60NZ / FDPF7N60NZ Rev. A
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
45
67
8
0.1
1
10
100
-55
o
C
150
o
C
* Notes :
1. VDS = 20V
2. 250s Pulse Test
25
o
C
VGS, Gate-Source Voltage[V]
0.1
1
10
20
0.1
1
10
20
*Notes:
1. 250s Pulse Test
2. TC = 25
o
C
VGS = 15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
VDS, Drain-Source Voltage[V]
0.40.6
0.81.0
1.21.4
1
10
100
Notes:
1. V
GS = 0V
2. 250s Pulse Test
150
o
C
V
SD, Body Diode Forward Voltage [V]
25
o
C
0
2
4
6
8
10
12
14
0.8
1.0
1.2
1.4
1.6
1.8
2.0
* Note : TJ = 25
o
C
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0
2
4
6
8
10
12
14
0
2
4
6
8
10
* Note : ID = 6.5A
VDS = 120V
VDS = 300V
VDS = 480V
Qg, Total Gate Charge [nC]
0.1
1
10
1
10
100
1000
5000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
* Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
30


Similar Part No. - FDPF7N60NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF7N60NZ FAIRCHILD-FDPF7N60NZ Datasheet
354Kb / 10P
   N-Channel UniFETTM II MOSFET
logo
Inchange Semiconductor ...
FDPF7N60NZ ISC-FDPF7N60NZ Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF7N60NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD7N60NZ FAIRCHILD-FDD7N60NZ_10 Datasheet
263Kb / 9P
   N-Channel MOSFET 600V, 5.5A, 1.25?
FDP8N60ZU FAIRCHILD-FDP8N60ZU Datasheet
540Kb / 9P
   N-Channel MOSFET, FRFET 600V, 6.5A, 1.35廓
logo
Thinki Semiconductor Co...
IRF730PBF THINKISEMI-IRF730PBF Datasheet
1Mb / 6P
   6.5A,400V Heatsink N-Channel Type Power MOSFET
logo
STMicroelectronics
STU7NA80 STMICROELECTRONICS-STU7NA80 Datasheet
42Kb / 5P
   N - CHANNEL 800V - 1.3ohm - 6.5A - Max220 FAST POWER MOSFET
STW7NB80 STMICROELECTRONICS-STW7NB80 Datasheet
88Kb / 8P
   N-CHANNEL 800V - 1.6ohm - 6.5A - TO-247 PowerMESH MOSFET
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com