Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF045N10A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDPF045N10A
Description  N-Channel PowerTrench짰 MOSFET 100V, 67A, 4.5m
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF045N10A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDPF045N10A Datasheet HTML 1Page - Fairchild Semiconductor FDPF045N10A Datasheet HTML 2Page - Fairchild Semiconductor FDPF045N10A Datasheet HTML 3Page - Fairchild Semiconductor FDPF045N10A Datasheet HTML 4Page - Fairchild Semiconductor FDPF045N10A Datasheet HTML 5Page - Fairchild Semiconductor FDPF045N10A Datasheet HTML 6Page - Fairchild Semiconductor FDPF045N10A Datasheet HTML 7Page - Fairchild Semiconductor FDPF045N10A Datasheet HTML 8Page - Fairchild Semiconductor FDPF045N10A Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FDPF045N10A Rev. C0
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Eoss vs. Drain to Source Voltage
-100
-50
0
50
100
150
200
0.90
0.95
1.00
1.05
1.10
*Notes:
1. VGS = 0V
2. ID = 250µA
TJ, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
*Notes:
1. VGS = 10V
2. ID = 67A
TJ, Junction Temperature [
o
C]
0.1
1
10
100 200
0.001
0.01
0.1
1
10
100
500
100ms
100µs
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
o
C
2. TJ = 175
o
C
3. Single Pulse
DC
25
50
75
100
125
150
175
0
15
30
45
60
75
V
GS = 10V
TC, Case Temperature [
oC]
R
θ
JC = 3.5
o
C/W
0
25
50
75
100
0
1
2
3
4
5
V
DS, Drain to Source Voltage
[
V]


Similar Part No. - FDPF045N10A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDPF045N10A ISC-FDPF045N10A Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com