Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74479052 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74479052
Description  WE-MI SMD Multilayer Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74479052 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74479052 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479052 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479052 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479052 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479052 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
5.1
5.0
4.0
REV
2012-06-27
2012-05-02
2004-10-11
DATE
SSt
SSt
MST
BY
SSt
SMu
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-MI SMD Multilayer Inductor
Order.- No.
74479052
SIZE
A4
Size: 0805
General:
All recommendations according to the general technical specifications of the data-sheet have to be complied with.
The disposal and operation of the product within ambient conditions which probably alloy or harm the component surface has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. Accordingly to this the product
is exposed to the pressure of the potting material with the effect that the ferrite body and termination is possibly damaged by this pressure and
so the electrical as well as the mechanical characteristics are endanger to be affected. After the potting material is cured, the ferrite body and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply for customer specific products.
Washing varnish agent that is used during the production to clean the application might damage or change the characteristics of the plating.
The washing varnish agent could have a negative effect on the long term function of the product.
Direct mechanical impact to the product shall be prevented as the ferrite material of the ferrite body could flake or in the worst case it could
break.
Product specific:
Follow all instructions mentioned in the datasheet, especially:
•The solder profile has to be complied with according to the technical reflow soldering specification, otherwise no warranty will be sustai-
ned.
• Wave soldering is only allowed after evaluation and approval.
•All products are supposed to be used before the end of the period of 12 months based on the product date-code, if not a 100% solderabi-
lity can´t be warranted.
•Violation of the technical product specifications such as exceeding the nominal rated current will result in the loss of warranty.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-MI
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 74479052

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447905 WURTH-7447905 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
74479051 WURTH-74479051 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
744790515 WURTH-744790515 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
74479053 WURTH-74479053 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
74479056 WURTH-74479056 Datasheet
789Kb / 5P
   WE-MI SMD Multilayer Inductor
More results

Similar Description - 74479052

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74479021 WURTH-74479021 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
74479032 WURTH-74479032 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
74479053 WURTH-74479053 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
74479136 WURTH-74479136 Datasheet
804Kb / 5P
   WE-MI SMD Multilayer Inductor
744790515 WURTH-744790515 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
7447912 WURTH-7447912 Datasheet
803Kb / 5P
   WE-MI SMD Multilayer Inductor
7447968 WURTH-7447968 Datasheet
828Kb / 5P
   WE-MI SMD Multilayer Inductor
74479628 WURTH-74479628 Datasheet
828Kb / 5P
   WE-MI SMD Multilayer Inductor
7447902 WURTH-7447902 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
7447913 WURTH-7447913 Datasheet
803Kb / 5P
   WE-MI SMD Multilayer Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com