Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP5N50U Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDP5N50U
Description  N-Channel MOSFET, FRFET 500V, 4A, 2.0廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP5N50U Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDP5N50U_12 Datasheet HTML 1Page - Fairchild Semiconductor FDP5N50U_12 Datasheet HTML 2Page - Fairchild Semiconductor FDP5N50U_12 Datasheet HTML 3Page - Fairchild Semiconductor FDP5N50U_12 Datasheet HTML 4Page - Fairchild Semiconductor FDP5N50U_12 Datasheet HTML 5Page - Fairchild Semiconductor FDP5N50U_12 Datasheet HTML 6Page - Fairchild Semiconductor FDP5N50U_12 Datasheet HTML 7Page - Fairchild Semiconductor FDP5N50U_12 Datasheet HTML 8Page - Fairchild Semiconductor FDP5N50U_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FDP5N50U / FDPF5N50UT Rev.C1
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. Maximum Safe Operating Area
vs. Temperature
- FDP5N50U
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
- FDPF5N50UT
vs. Case Temperature
Figure 11. Transient Thermal Response Curve - FDP5N50U
-75
-25
25
75
125
175
0.8
0.9
1.0
1.1
1.2
*Notes:
1. VGS = 0V
2. ID = 250μA
TJ, Junction Temperature [
oC]
1
10
100
1000
0.01
0.1
1
10
50μs
100μs
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
oC
2. TJ = 150
oC
3. Single Pulse
DC
30
25
50
75
100
125
150
0
1
2
3
4
5
TC, Case Temperature [
oC]
1
10
100
1000
0.01
0.1
1
10
30μs
100μs
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
oC
2. TJ = 150
oC
3. Single Pulse
DC
30
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
0.01
0.1
1
0.01
0.1
0.2
0.05
0.02
*Notes:
1. ZθJC(t) = 1.4
oC/W Max.
2. Duty Factor, D= t1/t2
3. TJM - TC = PDM * ZθJC(t)
0.5
Single pulse
Rectangular Pulse Duration [sec]
3
t1
PDM
t2


Similar Part No. - FDP5N50U_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP5N50U FAIRCHILD-FDP5N50U Datasheet
230Kb / 10P
   N-Channel MOSFET, FRFET
More results

Similar Description - FDP5N50U_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5N50U FAIRCHILD-FDD5N50U Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3A, 2.0廓
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3.5A, 1.55廓
FDB12N50U FAIRCHILD-FDB12N50U Datasheet
638Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FDB12N50U FAIRCHILD-FDB12N50U_12 Datasheet
354Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FDP20N50F FAIRCHILD-FDP20N50F Datasheet
820Kb / 10P
   N-Channel MOSFET, FRFET 500V, 20A, 0.26廓
FDL100N50F FAIRCHILD-FDL100N50F Datasheet
725Kb / 8P
   N-Channel MOSFET,FRFET 500V, 100A, 0.055廓
FDB12N50F FAIRCHILD-FDB12N50F_12 Datasheet
377Kb / 8P
   N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓
FDP20N50F FAIRCHILD-FDP20N50F_11 Datasheet
375Kb / 10P
   N-Channel MOSFET, FRFET 500V, 20A, 0.26廓
FDB12N50F FAIRCHILD-FDB12N50F Datasheet
597Kb / 8P
   N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓
FDP5N50F FAIRCHILD-FDP5N50F Datasheet
807Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4.5A, 1.55廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com