Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP16N50 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDP16N50
Description  500V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP16N50 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDP16N50_12 Datasheet HTML 1Page - Fairchild Semiconductor FDP16N50_12 Datasheet HTML 2Page - Fairchild Semiconductor FDP16N50_12 Datasheet HTML 3Page - Fairchild Semiconductor FDP16N50_12 Datasheet HTML 4Page - Fairchild Semiconductor FDP16N50_12 Datasheet HTML 5Page - Fairchild Semiconductor FDP16N50_12 Datasheet HTML 6Page - Fairchild Semiconductor FDP16N50_12 Datasheet HTML 7Page - Fairchild Semiconductor FDP16N50_12 Datasheet HTML 8Page - Fairchild Semiconductor FDP16N50_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2012 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FDP16N50 / FDPF16N50 / FDPF16N50T Rev. C1
July 2012
UniFETTM
FDP16N50 / FDPF16N50 / FDPF16N50T
500V N-Channel MOSFET
Features
• 16A, 500V, RDS(on) = 0.38Ω @VGS = 10 V
• Low gate charge ( typical 32 nC)
•Low Crss ( typical 20 pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the avalanche
and commutation mode. These devices are well suited for high
efficient switched mode power supplies and active power factor
correction.
TO-220
FDP Series
G
S
D
TO-220F
FDPF Series
G
S
D
D
G
S
Absolute Maximum Ratings
Symbol
Parameter
FDP16N50
FDPF16N50 /
FDPF16N50T
Unit
VDSS
Drain-Source Voltage
500
V
ID
Drain Current
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
16
9.6
16 *
9.6 *
A
A
IDM
Drain Current
- Pulsed
(Note 1)
64
64 *
A
VGSS
Gate-Source voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
780
mJ
IAR
Avalanche Current
(Note 1)
16
A
EAR
Repetitive Avalanche Energy
(Note 1)
20
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25°C)
- Derate above 25
°C
200
1.59
38.5
0.3
W
W/
°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
°C
Thermal Characteristics
Symbol
Parameter
FDP16N50
FDPF16N50 /
FDPF16N50T
Unit
RθJC
Thermal Resistance, Junction-to-Case
0.63
3.3
°C/W
RθCS
Thermal Resistance, Case-to-Sink Typ.
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
62.5
°C/W
* Drain current limited by maximum junction temperature


Similar Part No. - FDP16N50_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP16N50U FAIRCHILD-FDP16N50U Datasheet
826Kb / 9P
   N-Channel UniFETTM Ultra FRFET MOSFET
FDP16N50_0704 FAIRCHILD-FDP16N50_0704 Datasheet
447Kb / 10P
   500V N-Channel MOSFET
More results

Similar Description - FDP16N50_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com