Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS8935 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDS8935
Description  Dual P-Channel PowerTrench짰 MOSFET -80 V, -2.1 A, 183 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8935 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS8935 Datasheet HTML 1Page - Fairchild Semiconductor FDS8935 Datasheet HTML 2Page - Fairchild Semiconductor FDS8935 Datasheet HTML 3Page - Fairchild Semiconductor FDS8935 Datasheet HTML 4Page - Fairchild Semiconductor FDS8935 Datasheet HTML 5Page - Fairchild Semiconductor FDS8935 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
November 2010
©2010 Fairchild Semiconductor Corporation
FDS8935 Rev.C
www.fairchildsemi.com
1
FDS8935
Dual P-Channel PowerTrench® MOSFET
-80 V, -2.1 A, 183 m
Ω
Features
Max rDS(on) = 183 mΩ at VGS = -10 V, ID = -2.1 A
Max rDS(on) = 247 mΩ at VGS = -4.5 V, ID = -1.9 A
High performance trench technology for extremely low rDS(on)
High power and current handling capability in a widely used
surface mount package
100% UIL Tested
RoHS Compliant
General Description
This P-channel MOSFET is produced using Fairchild
Semiconductor’s advanced PowerTrench® process that has
been optimized for rDS(on), switching performance and
ruggedness.
Applications
Load Switch
Synchronous Rectifier
G2
S1
G1
S2
D2
D2
D1
D1
5
6
7
8
3
2
1
4
Pin 1
SO-8
D1
D1
D2
D2
S2
S1
G1
G2
4
3
2
1
5
6
7
8
Q2
Q1
MOSFET Maximum Ratings T
A = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
-80
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous
-2.1
A
-Pulsed
-10
EAS
Single Pulse Avalanche Energy
(Note 3)
37
mJ
PD
Power Dissipation
TA = 25 °C
(Note 1a)
3.1
W
Power Dissipation
TA = 25 °C
(Note 1b)
1.6
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
(Note 1)
40
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
78
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDS8935
FDS8935
SO-8
13 ’’
12 mm
2500 units


Similar Part No. - FDS8935

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8934 FAIRCHILD-FDS8934 Datasheet
417Kb / 8P
   Dual P-Channel Enhancement Mode Field Effect Transistor
FDS8934A FAIRCHILD-FDS8934A Datasheet
417Kb / 8P
   Dual P-Channel Enhancement Mode Field Effect Transistor
FDS8936 FAIRCHILD-FDS8936 Datasheet
229Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936S FAIRCHILD-FDS8936S Datasheet
269Kb / 8P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - FDS8935

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA1027PT FAIRCHILD-FDMA1027PT Datasheet
294Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET -20 V, -3 A, 120 m廓
FDMA3023PZ FAIRCHILD-FDMA3023PZ Datasheet
330Kb / 8P
   Dual P-Channel PowerTrench짰 MOSFET -30 V, -2.9 A, 90 m廓
FDMA6023PZT FAIRCHILD-FDMA6023PZT Datasheet
366Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET -20 V, -3.6 A, 60 m廓
FDMA3027PZ FAIRCHILD-FDMA3027PZ Datasheet
302Kb / 8P
   Dual P-Channel PowerTrench짰 MOSFET -30 V, -3.3 A, 87 m廓
logo
ON Semiconductor
FDMS86568-F085 ONSEMI-FDMS86568-F085 Datasheet
487Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 3.5 m廓
August-2017, Rev 3
FDMS86381-F085 ONSEMI-FDMS86381-F085 Datasheet
565Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 30 A, 22 m廓
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMS86500L FAIRCHILD-FDMS86500L Datasheet
283Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 2.5 m廓
FDMS86300 FAIRCHILD-FDMS86300 Datasheet
261Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 42 A, 3.9 m廓
FDMS86310 FAIRCHILD-FDMS86310 Datasheet
302Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 50 A, 4.8 m廓
FDMC6679AZ FAIRCHILD-FDMC6679AZ Datasheet
305Kb / 7P
   P-Channel PowerTrench짰 MOSFET -30 V, -20 A, 10 m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com