Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC273DBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC273DBR
Description  Multi-Cal-System Evaluation Module
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC273DBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74HC273DBR Datasheet HTML 3Page - Texas Instruments SN74HC273DBR Datasheet HTML 4Page - Texas Instruments SN74HC273DBR Datasheet HTML 5Page - Texas Instruments SN74HC273DBR Datasheet HTML 6Page - Texas Instruments SN74HC273DBR Datasheet HTML 7Page - Texas Instruments SN74HC273DBR Datasheet HTML 8Page - Texas Instruments SN74HC273DBR Datasheet HTML 9Page - Texas Instruments SN74HC273DBR Datasheet HTML 10Page - Texas Instruments SN74HC273DBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
www.ti.com
Overview
1.2
Recommended Starter System
The Multi-Cal-System starter system is an eight-channel system for calibrating PGA308 and PGA309
sensor modules automatically. The starter system allows you to verify that the Multi-Cal-System meets
your specific application requirements. You can expand the capacity of your system later by adding slave
boards. Each slave board adds another eight channels, for a maximum system capability of 64 channels
(one master and seven slave boards). Table 1 describes the recommended starter system and lists the
quantities of each board required.
Table 1. Recommended Starter System
Quantity
Name
Comments
1
Multi-Cal-Master EVM
This basic board gives you eight channels.
You may choose to build your own cable
because of cable length requirements. The
2
Multi-Cal-Interface cable
construction of the cable is given in the
Multi-Cal System Cable user
's guide
(SBOU092).
You may choose to build your own cable
because of cable length requirements. The
1
Multi-Cal-Power cable
construction of the cable is given in the
Multi-Cal System Cable user
's guide
(SBOU092).
Depending on the mechanical requirements of
1
Multi-Cal-Interface EVM
your specific system, you may develop your
own interface board.
Two Multi-Cal-Test EVMs allow you to check
two channels. This option is typically enough
2
Multi-Cal-Test EVM
(1)
for initial evaluation of the system. Eight units
would allow you to fully test all eight channels
of the starter system.
(1)
The Multi-Cal-Test EVM board uses the PGA308. The equivalent PGA309 test board does not exist at
the time of this writing; it is currently under development.
There are also several additional pieces of test equipment required; Table 2 summarizes this equipment.
Table 2. Additional Test Equipment Required
Name
Comments
This is power for the multiplexers on the Multi-Cal-Master board. This
supply can range from
±12 V to ±16 V. Choose a low-noise linear
supply for best performance. This supply also powers slave boards if
you expand the system in the future. Keep in mind the current output
capability.
±15V Supply
Current requirement for Master = 150 mA
Current for each Slave = 150 mA
Example: For eight channels and one master = 150 mA
Example: For 64 channels (one master and seven slaves) = 8 x 150
mA = 1.2 A
This supply can range from 5V to 40V, depending on your sensor
module requirements. This power will be directly connected to the
sensor modules. Choose a low-noise linear supply for best
performance. Keep in mind the current output capability. All sensor
modules are powered simultaneously, so multiply the number of
Loop or DUT Power Supply
channels by the expected device current to determine the
requirements.
Example: For eight current loop modules: Assume that maximum
current = 25mA (overcurrent range); 8 x 25 mA = 20 0mA
Example: For 64 current loop modules: 64 x 25 mA = 1.6 A
Must allow for software control through RS-232 or IEEE488.
Precision Digital Multimeter
Suggested instrument is the Agilent 34401A.
This controller is not required if you are using RS-232 control. This
item is a National Instruments IEEE488 controller. It allows you to
GPIB-USB-HS
connect your computer to the precision multimeter for automatic
control.
7
SBOU087A
– August 2010 – Revised April 2011
Multi-Cal-System Evaluation Module
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - SN74HC273DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC273DBR TI-SN74HC273DBR Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC273DBR TI-SN74HC273DBR Datasheet
741Kb / 20P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC273DBR TI1-SN74HC273DBR Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN74HC273DBRE4 TI-SN74HC273DBRE4 Datasheet
741Kb / 20P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC273DBRG4 TI-SN74HC273DBRG4 Datasheet
741Kb / 20P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - SN74HC273DBR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11600 MAXIM-MAX11600_10 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
logo
Exar Corporation
XRT5794ES EXAR-XRT5794ES Datasheet
1Mb / 11P
   Evaluation System
logo
Maxim Integrated Produc...
MAX17823HEVKIT MAXIM-MAX17823HEVKIT Datasheet
1Mb / 40P
   Evaluation System
Rev 1; 5/19
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX6960EVKIT MAXIM-MAX6960EVKIT Datasheet
1Mb / 24P
   MAX6960 Evaluation Kit/Evaluation System
Rev 0; 10/05
MAX17061EVKIT MAXIM-MAX17061EVKIT Datasheet
432Kb / 12P
   MAX17061 Evaluation Kit/Evaluation System
Rev 1; 10/08
MAX17105EVKIT MAXIM-MAX17105EVKIT Datasheet
712Kb / 14P
   MAX17105 Evaluation Kit/Evaluation System
Rev 0; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com