Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDT86102LZ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDT86102LZ
Description  N-Channel PowerTrench짰 MOSFET 100 V, 6.6 A, 28 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDT86102LZ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDT86102LZ Datasheet HTML 1Page - Fairchild Semiconductor FDT86102LZ Datasheet HTML 2Page - Fairchild Semiconductor FDT86102LZ Datasheet HTML 3Page - Fairchild Semiconductor FDT86102LZ Datasheet HTML 4Page - Fairchild Semiconductor FDT86102LZ Datasheet HTML 5Page - Fairchild Semiconductor FDT86102LZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2010 Fairchild Semiconductor Corporation
2
www.fairchildsemi.com
FDT86102LZ Rev. C
Electrical Characteristics T
J = 25 °C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250 μA, VGS = 0 V
100
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, referenced to 25 °C
70
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 80 V, VGS = 0 V
1
μA
IGSS
Gate to Source Leakage Current
VGS = ±20 V, VDS = 0 V
±10
μA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 μA
1.0
1.4
3.0
V
ΔV
GS(th)
ΔT
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 μA, referenced to 25 °C
-6
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 6.6 A
22
28
m
Ω
VGS = 4.5 V, ID = 5.5 A
27
38
VGS = 10 V, ID = 6.6 A, TJ = 125 °C
36
46
gFS
Forward Transconductance
VDS = 5 V, ID = 6.6 A
26
S
Ciss
Input Capacitance
VDS = 50 V, VGS = 0 V,
f = 1MHz
1118
1490
pF
Coss
Output Capacitance
181
245
pF
Crss
Reverse Transfer Capacitance
7.5
15
pF
Rg
Gate Resistance
0.5
Ω
td(on)
Turn-On Delay Time
VDD = 50 V, ID = 6.6 A,
VGS = 10 V, RGEN = 6 Ω
6.6
14
ns
tr
Rise Time
1.9
10
ns
td(off)
Turn-Off Delay Time
19
31
ns
tf
Fall Time
2.2
10
ns
Qg(TOT)
Total Gate Charge
VGS = 0 V to 10 V
VDD = 50 V,
ID = 6.6 A
17
25
nC
Qg(TOT)
Total Gate Charge
VGS = 0 V to 4.5 V
8.3
12
Qgs
Gate to Source Charge
2.6
nC
Qgd
Gate to Drain “Miller” Charge
2.2
nC
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 6.6 A
(Note 2)
0.82
1.3
V
VGS = 0 V, IS = 1 A
(Note 2)
0.68
1.2
trr
Reverse Recovery Time
IF = 6.6 A, di/dt = 100 A/μs
40
64
ns
Qrr
Reverse Recovery Charge
36
58
nC
NOTES:
1. RθJA is determined with the device mounted on a 1 in
2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθCA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0 %.
3. Starting TJ = 25 °C, L = 1 mH, IAS = 13 A, VDD = 90 V, VGS = 10 V.
4. The diode connected between gate and source serves only as protection against ESD. No gate overvoltage rating is implied.
55 °C/W when mounted on a
1 in2 pad of 2 oz copper
a)
118 °C/W when mounted on
a minimum pad of 2 oz copper
b)


Similar Part No. - FDT86102LZ

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FDT86102LZ KEXIN-FDT86102LZ Datasheet
233Kb / 5P
   N-Channel MOSFET
More results

Similar Description - FDT86102LZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDT1600N10ALZ FAIRCHILD-FDT1600N10ALZ Datasheet
291Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100 V, 5.6 A, 160 m廓
FDD86102LZ FAIRCHILD-FDD86102LZ_12 Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
FDD86110 FAIRCHILD-FDD86110 Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 50 A, 10.2 m廓
logo
ON Semiconductor
FDP085N10A ONSEMI-FDP085N10A Datasheet
3Mb / 10P
   N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
November-2017, Rev. 3
logo
Fairchild Semiconductor
FDS86140 FAIRCHILD-FDS86140 Datasheet
255Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 11.2 A, 9.8 m廓
logo
Diodes Incorporated
FDD86102LZ DIODES-FDD86102LZ Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
logo
Fairchild Semiconductor
FDMS86150 FAIRCHILD-FDMS86150 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 60 A, 4.85 m廓
FDMS7650 FAIRCHILD-FDMS7650_12 Datasheet
248Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
FDPF3860TYDTU FAIRCHILD-FDPF3860TYDTU Datasheet
589Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100 V, 20 A, 38.2 m廓
FDMS86103L FAIRCHILD-FDMS86103L Datasheet
279Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 49 A, 8 m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com