Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGB20N60SFD Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FGB20N60SFD
Description  600V, 20A Field Stop IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB20N60SFD Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FGB20N60SFD Datasheet HTML 1Page - Fairchild Semiconductor FGB20N60SFD Datasheet HTML 2Page - Fairchild Semiconductor FGB20N60SFD Datasheet HTML 3Page - Fairchild Semiconductor FGB20N60SFD Datasheet HTML 4Page - Fairchild Semiconductor FGB20N60SFD Datasheet HTML 5Page - Fairchild Semiconductor FGB20N60SFD Datasheet HTML 6Page - Fairchild Semiconductor FGB20N60SFD Datasheet HTML 7Page - Fairchild Semiconductor FGB20N60SFD Datasheet HTML 8Page - Fairchild Semiconductor FGB20N60SFD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
FGB20N60SFD Rev. A
Typical Performance Characteristics
Figure 19. Forward Characteristics
Figure 20. Reverse Current
Figure 21. Stored Charge
Figure 22. Reverse Recovery Time
Figure 23.Transient Thermal Impedance of IGBT
0
100
200
300
400
500
600
1E-3
0.01
0.1
1
10
100
T
C = 125
oC
T
C = 25
oC
T
C = 75
oC
Reverse Voltage, V
R [V]
01
23
4
0.1
1
10
40
TJ = 75
oC
TJ = 25
oC
TJ = 125
oC
Forward Voltage, VF [V]
0
5
10
15
20
10
20
30
40
50
60
200A/μs
di/dt = 100A/μs
Forward Current, IF [A]
0
5
10
15
20
10
20
30
40
50
60
200A/μs
di/dt = 100A/μs
Forward Current, IF [A]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
0.01
0.1
1
0.01
0.02
0.1
0.05
0.2
single pulse
Rectangular Pulse Duration [sec]
Duty Factor, D = t1/t2
Peak Tj = Pdm x Zthjc + TC
0.5
t1
PDM
t2


Similar Part No. - FGB20N60SFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGB20N60SF FAIRCHILD-FGB20N60SF Datasheet
387Kb / 8P
   600V, 20A Field Stop IGBT
More results

Similar Description - FGB20N60SFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGB20N60SF FAIRCHILD-FGB20N60SF Datasheet
387Kb / 8P
   600V, 20A Field Stop IGBT
FGP20N60UFD FAIRCHILD-FGP20N60UFD Datasheet
746Kb / 9P
   600V, 20A Field Stop IGBT
FGH20N60SFD FAIRCHILD-FGH20N60SFD Datasheet
796Kb / 9P
   600V, 20A Field Stop IGBT
FGH20N60UFD FAIRCHILD-FGH20N60UFD Datasheet
821Kb / 9P
   600V, 20A Field Stop IGBT
FGH20N60UFD FAIRCHILD-FGH20N60UFD_11 Datasheet
1Mb / 9P
   600V, 20A Field Stop IGBT
logo
Rohm
RGTH40TS65D ROHM-RGTH40TS65D Datasheet
729Kb / 12P
   650V 20A Field Stop Trench IGBT
logo
Fairchild Semiconductor
FGH75N60SF FAIRCHILD-FGH75N60SF Datasheet
686Kb / 8P
   600V, 75A Field Stop IGBT
FGA60N60UFD FAIRCHILD-FGA60N60UFD Datasheet
782Kb / 9P
   600V, 60A Field Stop IGBT
FGH40N60SF FAIRCHILD-FGH40N60SF Datasheet
683Kb / 8P
   600V, 40A Field Stop IGBT
FGH80N60FD FAIRCHILD-FGH80N60FD Datasheet
665Kb / 9P
   600V, 80A Field Stop IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com