Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX028AMT Datasheet(PDF) 11 Page - Sony Corporation

Part # LCX028AMT
Description  4.6cm (1.8-inch) Black-and-White LCD Panel
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX028AMT Datasheet(HTML) 11 Page - Sony Corporation

Back Button LCX028AMT Datasheet HTML 7Page - Sony Corporation LCX028AMT Datasheet HTML 8Page - Sony Corporation LCX028AMT Datasheet HTML 9Page - Sony Corporation LCX028AMT Datasheet HTML 10Page - Sony Corporation LCX028AMT Datasheet HTML 11Page - Sony Corporation LCX028AMT Datasheet HTML 12Page - Sony Corporation LCX028AMT Datasheet HTML 13Page - Sony Corporation LCX028AMT Datasheet HTML 14Page - Sony Corporation LCX028AMT Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
– 11 –
LCX028AMT
Electrical Characteristics (Ta = 25°C, HVDD = 15.5V, VVDD = 15.5V)
1. Horizontal drivers
Item
Input pin capacitance
HCKn
HST
Input pin current
HCK1
HCK2
HST
RGT
Video signal input pin capacitance
Current consumption
CHckn
CHst
Csig
IH
HCK1 = GND
HCK2 = GND
HST = GND
RGT = GND
HCKn: HCK1, HCK2 (4.5MHz)
–1000
–1000
–500
–150
35
25
–500
–500
–190
–40
200
17.0
40
30
250
25.0
pF
pF
µA
µA
µA
µA
pF
mA
Symbol
Min.
Typ.
Max.
Unit
Condition
2. Vertical drivers
Item
Input pin capacitance
VCK
VST
Input pin current
VCK,PCG
VST, ENB, DWN, BLK, HB,
VB
Current consumption
CVck
CVst
IV
–500
–150
15
15
–150
–35
4.0
20
20
6.0
pF
pF
µA
µA
mA
Symbol
Min.
Typ.
Max.
Unit
Condition
3. Total power consumption of the panel
4. Pin input resistance
Item
Pin – VSS input resistance
Rpin
0.4
1
M
Symbol
Min.
Typ.
Max.
Unit
Item
COM pin capacitance
(COM, COML, COMR Total)
COM
25
30
nF
Symbol
Min.
Typ.
Max.
Unit
Item
Total power consumption of the panel
PWR
330
480
mW
Symbol
Min.
Typ.
Max.
Unit
VCK = GND, PCG = GND
VST, ENB, DWN,BLK, HB
VB = GND
VCK: (32.0kHz)
5. Uniformity improvement signal
Item
Input pin capacitance for uniformity
improvement signal
CPSIGo
15
nF
Symbol
Min.
Typ.
Max.
Unit
18
6. COM pin capacitance


Similar Part No. - LCX028AMT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
More results

Similar Description - LCX028AMT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX017DLT SONY-LCX017DLT Datasheet
311Kb / 26P
   4.6cm (1.8 Type) Black-and-White LCD Panel
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
   4.6cm (1.8-type) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com