Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX032AK Datasheet(PDF) 4 Page - Sony Corporation

Part # LCX032AK
Description  1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX032AK Datasheet(HTML) 4 Page - Sony Corporation

  LCX032AK Datasheet HTML 1Page - Sony Corporation LCX032AK Datasheet HTML 2Page - Sony Corporation LCX032AK Datasheet HTML 3Page - Sony Corporation LCX032AK Datasheet HTML 4Page - Sony Corporation LCX032AK Datasheet HTML 5Page - Sony Corporation LCX032AK Datasheet HTML 6Page - Sony Corporation LCX032AK Datasheet HTML 7Page - Sony Corporation LCX032AK Datasheet HTML 8Page - Sony Corporation LCX032AK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
– 4 –
LCX032AK
Input Equivalent Circuit
To prevent static charges, protective diodes are provided for each pin except the power supply. In addition,
protective resistors are added to all pins except video signal input. All pins are connected to Vss with a high
resistance of 1M
Ω (typ.). The equivalent circuit of each input pin is shown below: (The resistor value: typ.)
(1) Video signal input
Input
VDD
From H driver
Signal line
1M
(2) HCK1, HCK2
VDD
250
250
250
250
Level conversion
circuit (2-phase
input)
HCK1
HCK2
1M
1M
(3) HST
Level conversion
circuit (single-
phase input)
250
250
VDD
Input
1M
(4) RGT, VST, EN, VCK, DWN, STB
Level conversion
circuit (single-
phase input)
2.5k
2.5k
VDD
Input
1M
(6) COM
Input
1M
LC
VDD
Level conversion
circuit (single-
phase input)
2.5k
2.5k
VDD
Input
1M
28k
(5) BLK


Similar Part No. - LCX032AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX032AKB SONY-LCX032AKB Datasheet
264Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
More results

Similar Description - LCX032AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX033ANB SONY-LCX033ANB Datasheet
189Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032AKB SONY-LCX032AKB Datasheet
264Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AKB SONY-LCX033AKB Datasheet
260Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032ANB SONY-LCX032ANB Datasheet
540Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AK SONY-LCX033AK Datasheet
277Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX005BK SONY-LCX005BK Datasheet
307Kb / 22P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AK SONY-LCX024AK Datasheet
212Kb / 24P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AKB SONY-LCX024AKB Datasheet
213Kb / 24P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX027AKB SONY-LCX027AKB Datasheet
203Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com