Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD6N50C Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQD6N50C
Description  500V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD6N50C Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQD6N50C_08 Datasheet HTML 1Page - Fairchild Semiconductor FQD6N50C_08 Datasheet HTML 2Page - Fairchild Semiconductor FQD6N50C_08 Datasheet HTML 3Page - Fairchild Semiconductor FQD6N50C_08 Datasheet HTML 4Page - Fairchild Semiconductor FQD6N50C_08 Datasheet HTML 5Page - Fairchild Semiconductor FQD6N50C_08 Datasheet HTML 6Page - Fairchild Semiconductor FQD6N50C_08 Datasheet HTML 7Page - Fairchild Semiconductor FQD6N50C_08 Datasheet HTML 8Page - Fairchild Semiconductor FQD6N50C_08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Rev. B
1, October 2008
©200
8 Fairchild Semiconductor Corporation
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 11. Transient Thermal Response Curve
t1
PDM
t2
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS = 0 V
2. I
D = 250 µA
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 2.25 A
T
J, Junction Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
N o te s :
1 . Z
θ JC (t) = 2 . 0 5
/W M a x .
2 . D uty Fa c to r, D = t
1/t 2
3 . T
JM - T C = P DM * Z θ JC (t)
sin g le p u lse
D= 0 .5
0.02
0.2
0.0 5
0.1
0.01
t
1, S quare W av e P u l s e D uration [s ec ]
25
50
75
100
125
150
0
1
2
3
4
5
T
C, Case Temperature [
]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
100 ms
1 ms
DC
10 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]


Similar Part No. - FQD6N50C_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD6N50CTM FAIRCHILD-FQD6N50CTM Datasheet
547Kb / 8P
   N-Channel QFET MOSFET 500 V, 4.5 A, 1.2
More results

Similar Description - FQD6N50C_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com