Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP8N80C Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FQP8N80C
Description  800V N-Channel MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP8N80C Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FQP8N80C_09 Datasheet HTML 4Page - Fairchild Semiconductor FQP8N80C_09 Datasheet HTML 5Page - Fairchild Semiconductor FQP8N80C_09 Datasheet HTML 6Page - Fairchild Semiconductor FQP8N80C_09 Datasheet HTML 7Page - Fairchild Semiconductor FQP8N80C_09 Datasheet HTML 8Page - Fairchild Semiconductor FQP8N80C_09 Datasheet HTML 9Page - Fairchild Semiconductor FQP8N80C_09 Datasheet HTML 10Page - Fairchild Semiconductor FQP8N80C_09 Datasheet HTML 11Page - Fairchild Semiconductor FQP8N80C_09 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.fairchildsemi.com
FQP8N80C/FQPF8N80C/FQPF8N80CYDTU Rev.A
9
Package Dimensions (Continued)
(7.00)
(0.70)
MAX1.47
#1
10.16
±0.20
(1.00x45
°)
2.54
±0.20
0.80
±0.10
9.40
±0.20
2.76
±0.20
0.35
±0.10
ø3.18
±0.10
2.54TYP
[2.54
±0.20]
2.54TYP
[2.54
±0.20]
0.50
+0.10
–0.05
TO-220F
Dimensions in Millimeters


Similar Part No. - FQP8N80C_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP8N80C FAIRCHILD-FQP8N80C Datasheet
906Kb / 10P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C Datasheet
1Mb / 10P
   800V N-Channel MOSFET
logo
Thinki Semiconductor Co...
FQP8N80C THINKISEMI-FQP8N80C Datasheet
2Mb / 8P
   8.0A,800V Heatsink Planar N-Channel Power MOSFET
logo
Inchange Semiconductor ...
FQP8N80C ISC-FQP8N80C Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQP8N80C_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com